Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT43750 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT43750 Datasheet HTML 1Page - Qorvo, Inc ACT43750 Datasheet HTML 2Page - Qorvo, Inc ACT43750 Datasheet HTML 3Page - Qorvo, Inc ACT43750 Datasheet HTML 4Page - Qorvo, Inc ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
1 of 43
www.qorvo.com
© 2024 Qorvo US, Inc. All rights reserved.
®
BENEFITS and FEATURES
• Wide Operating Range
• Vin = 10V to 55V
• Vgate = -6V to -1.5V
• RF PA Biasing Solution
• Turn on and off sequencing
• Negative gate voltage supply
• Supports GaN and Silicon FETs
• High-speed drain switching
• Autonomous Bias Point Calibration
• Autonomous IDQ(DRAIN) calibration
• Resistor Setpoint Range: 10mA to 2A
• Digitally adjustable ±31% of setpoint in 1% steps
• Space and Cost savings
• Fully integrated gate drive voltage
• High switching frequency: 2.05 MHz
• Integrated FETs and small chip inductor
• 37-pin, 5 mm x 5 mm, 0.4-mm pitch QFN package
• High-Performance Negative Gate Drive Supply
• REGG input voltage: +12V (TYP)
• REGG output voltage: -6V to -1.5V by 732µV step
• REGG output source current: 300mA
• REGG output sink current: -100mA
• REGG output noise: <200µVRMS
• Protection
• UVLO, OVLO, OVP, UVP, OCP, TSD
APPLICATIONS
• Military Radar System
• Civilian Radar System
• RF GaN / GaAs PA Power Supply
GENERAL DESCRIPTION
The ACT43750, part of Qorvo’s RF POL regulator family,
is the last stage of a three-chip radar power supply so-
lution. This three-stage solution, developed with the
ACT43950, ACT43850, and ACT43750, forms a com-
pact, complete power supply system for radio frequency
(RF) power amplifiers (PAs) that demand fast transient,
high current pulse loads. The first stage, ACT43950
converts a high voltage dc input voltage into a regulated
dc constant-current (CC) to charge bulk capacitor. The
second stage, ACT43850, regulates the capacitor volt-
age into a tightly regulated DC voltage to power the
drain for GaN RF power amplifiers.
The third stage, ACT43750, provides several functions
specifically designed to optimize GaN performance. It
operates either standalone or as the third stage in a
multiple stage power solution. It provides the RF PA
negative gate voltage using an ultra-low noise inverting
buck dc-to-dc regulator with integrated FETs and pro-
grammable voltage reference. It provides the required
GaN power up and power down sequencing between
the drain and gate voltages. All GaN RF PAs require
calibrating the gate voltage to set the desired operating
point. The ACT43750 automatically calibrates and
stores the optimal gate voltage. This operating point
changes with time and temperature. The IC can recal-
culate and adjust the optimal gate voltage in the field
without waiting for a maintenance cycle. The ACT43750
also enables drain switching in pulsed radar applica-
tions.
The ACT43750 is available in a 37-pin, 5 mm x 5 mm,
0.4 mm pitch QFN package.


Similar Part No. - ACT43750

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4303 ACTIVE-SEMI-ACT4303 Datasheet
622Kb / 15P
30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
ACT4303YH-T ACTIVE-SEMI-ACT4303YH-T Datasheet
622Kb / 15P
30V/3A Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 05-Dec-11
More results

Similar Description - ACT43750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC03 NSC-MM54HC03 Datasheet
132Kb / 4P
Open Drain NAND Gate
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705 Datasheet
293Kb / 20P
2-Switch Forward Controller and Gate Driver
logo
New Jersey Semi-Conduct...
2N5460 NJSEMI-2N5460 Datasheet
122Kb / 1P
DRAIN-GATE VOLTAGE
logo
Linear Technology
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
2-Switch Forward Controller and Gate Driver
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
Switch Matrix Gate Driver
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6550 AVAGO-AMMC-6550 Datasheet
142Kb / 8P
Positive polarity for Gate and Drain Bias
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
Boost Regulator for Display Bias or LED Driver
logo
ON Semiconductor
NLHV1T0434 ONSEMI-NLHV1T0434 Datasheet
83Kb / 7P
48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com