Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT43750 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 17Page - Qorvo, Inc ACT43750 Datasheet HTML 18Page - Qorvo, Inc ACT43750 Datasheet HTML 19Page - Qorvo, Inc ACT43750 Datasheet HTML 20Page - Qorvo, Inc ACT43750 Datasheet HTML 21Page - Qorvo, Inc ACT43750 Datasheet HTML 22Page - Qorvo, Inc ACT43750 Datasheet HTML 23Page - Qorvo, Inc ACT43750 Datasheet HTML 24Page - Qorvo, Inc ACT43750 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
21 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
V50 Discharge
The IC only enters this state when the system uses
Qorvo’s ACT43850 to generate the RF PA drain voltage.
When the IC receives a command to disable REGG, it
moves to this state to activate the IDRAIN Calibrator block
to discharge the drain supply voltage node before it dis-
ables REGG.
REGG Shutdown
As a result of the REGG disable event, the IC drives the
DACG toward 0 V (zero). This state does the opposite
of the soft start.
Bias Error
When the IC detects an error, it immediately turns off
REGG and turns off the external RF PA drain FET. The
IC turns off the RFPA drain voltage and then turns off
the REGG gate voltage. It stays in this state until the
12V bias voltage at V12 is cycled off and back on. I2C
is still active in this state. The following faults force the
IC into this state:
5V Bias Regulator under-voltage
V12 under-voltage
V12 over-voltage
Floating 5V Bias Regulator under-voltage
Low-side Gate Drive Regulator under-voltage
High-side Gate Drive Regulator under-voltage
Thermal shutdown, TSD
External Clock Synchronization error
REGG under-voltage
REGG over-current
5-bit ADC read error
Operation Frequency Selection / RRT read error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com