Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT43750 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
10 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Parameter
Conditions
Min
Typ
Max
Units
VT+(GREF,chg)
GREF Io(GREF) Fast-Charge
Upper Threshold
((Internal reference)
– V
GREF) threshold to use
Io(GREF) fast-charging.
And hysteresis points to exit.
See Reference Voltage Noise Reduction.
> +35
mV
VT+(GREF, hys)
GREF Io(GREF) Fast-Charge
Upper Hysteresis
<+20
mV
VT-(GREF, chg)
GREF Io(GREF) Fast-Charge
Lower Threshold
<-35
mV
VT-(GREF, hys)
GREF Io(GREF) Fast-Charge
Lower Hysteresis
>-20
mV
Ro(GREF, chg)
GREF Io(GREF) Fast-Charge
Output Resistance
During Io(GREF) fast-charging
480
Ω
Ro(GREF)
GREF Output Resistance
0xEh [3:2] = 00
0.5
k
Ω
0xEh [3:2] = 01
4.5
k
Ω
0xEh [3:2] = 10
25
k
Ω
0xEh [3:2] = 11
250
k
Ω
IO(GREF)
GREF Pre-Charge Current
0xEh [1:0] = 00
5
µA
0xEh [1:0] = 01
10
µA
0xEh [1:0] = 10
100
µA
0xEh [1:0] = 11
200
µA
VLSR
LSR Voltage Reference
All 0x0Fh [3:0] options
-5%
+5%
V
I2C Slave for MCUs/Controllers
VIT+(SCL),VIT+(SDA)
SCL, SDA Input Threshold
Falling edge for HLOGIC
0.55
V
VIT-(SCL),VIT-(SDA)
Rising edge for HLOGIC
1.25
V
ILKG(SDA)
SDA Leakage Current
VSDA = 5V
1
µA
VOL(SDA)
SDA Output Voltage
5mA Current into SDA pin
0.35
V
CI(SCL), CI(SDA)
SCL, SDA Terminal
Capacitance
10
pF
I2C Master for ACT43850 and External Memory
VIT+(SDA50)
SDA50 Input Threshold
Falling edge for HLOGIC
0.55
V
VIT-(SDA50)
Rising edge for HLOGIC
1.25
V
ILKG(SCL50)
ILKG(SDA50)
SCL50, SDA50 Leakage
Current
VSCL50 = VSDA50 = 5 V
1
µA
VOL(SCL50)
VOL(SDA50)
SCL50, SDA50 Output Voltage
5mA Current into SDA50 and SCL50 pins
0.35
V
CI(SCL50), CI(SDA50)
SCL50, SDA50 Terminal
Capacitance
10
pF
RPU(SDA50),RPU(SCL50)
SDA50, SCL50 Pull-up
Resistance
Internal pull-up
3.3
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com