Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7490SA
Description  10W 10W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490SA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7490SA Datasheet HTML 2Page - STMicroelectronics TDA7490SA Datasheet HTML 3Page - STMicroelectronics TDA7490SA Datasheet HTML 4Page - STMicroelectronics TDA7490SA Datasheet HTML 5Page - STMicroelectronics TDA7490SA Datasheet HTML 6Page - STMicroelectronics TDA7490SA Datasheet HTML 7Page - STMicroelectronics TDA7490SA Datasheet HTML 8Page - STMicroelectronics TDA7490SA Datasheet HTML 9Page - STMicroelectronics TDA7490SA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2 Electrical characteristcs
TDA7490SA
6/13
Note: 1 : PO = measured across the load using the following inductor: SUMIDA RCH-108-330K
2 : Fsw =
with R1 in K
; Fsw in KHz R1
3 : Fsw =
with Fext, the frequency of the external oscillator
FSWR
Output Switching Frequency
Range
with Internal Oscillator (2)
140
250
KHz
with external Oscillator (3)
100
250
KHz
MUTE & STAND-BY FUNCTIONS
VST-BY
Stand-by range
0
0.7
V
VMUTE
Mute Range
1.7
2.5
V
VPLAY
Play Range
4
5
V
AMUTE
Mute Attenuation
60
dB
IqST-BY
Quiescent Current @ Stand-by
1.5
2
mA
Figure 3.
distortion vs output power
Figure 4.
output Power vs Supply Voltage
(single)
Table 3.
electrical characteristcs (Refer to the test circuit, VCC = ±13.5V; RL = 8Ω;
Demod. filter L = 33
µH, C = 220nF; f = 1KHz; R1 = 27kΩ; T
amb = 25°C unless otherwise
specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
4810
R1
-------------
23
+
Fsw
1
4
---
⎝⎠
⎛⎞ F
est
=
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
100m
20
200m
500m
1
2
5
10
Pout(W)
Vs=27V
Rl =8ohm
F=1KHz
0
14
2
4
6
8
10
12
Po(W)
+14
+30
+16
+18
+20
+22
+24
+26
+28
Vs(V)
Rl =8ohm
f =1KHz
THD=1%
THD=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com