Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7490SA
Description  10W 10W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7490SA Datasheet HTML 3Page - STMicroelectronics TDA7490SA Datasheet HTML 4Page - STMicroelectronics TDA7490SA Datasheet HTML 5Page - STMicroelectronics TDA7490SA Datasheet HTML 6Page - STMicroelectronics TDA7490SA Datasheet HTML 7Page - STMicroelectronics TDA7490SA Datasheet HTML 8Page - STMicroelectronics TDA7490SA Datasheet HTML 9Page - STMicroelectronics TDA7490SA Datasheet HTML 10Page - STMicroelectronics TDA7490SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TDA7490SA
2 Electrical characteristcs
7/13
Figure 5.
output power vs supply voltage
(single)
Figure 6.
dissipated power vs output power
Figure 7.
output power vs supply voltage
(single)
Figure 8.
quiescent current vs supply voltage
Figure 9.
distortion vs output power
0
14
2
4
6
8
10
12
+14
+26
+16
+18
+20
+22
+24
Po(W)
Vs(V)
Rl =6ohm
f =1KHz
THD=1%
THD=10%
1
1.5
2
2.5
3
3.5
02
468
10
12
Pd(W)
2 x Po(W)
Vs =+/- 13.5V
Rload = 8ohm (both ch)
f = 1KHz
0
12
2
4
6
8
10
+14
+22
+15+16
+17
+18
+19+20
+21
THD=1%
THD=10%
Rl =4ohm
f =1KHz
Po(W)
Vs(V)
40
45
50
55
60
65
70
7
8
9
10
1112
1314
15
Iq(mA)
Vs=(+/-V)
Rl = No load
No LC filter
0.01
10
0.1
1
100m
10
200m
500m
1
2
5
THD(%)
Pout(W)
Vs=+/- 13.5V
Rl =8ohm
F=1KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com