Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7490SA
Description  10W 10W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490SA Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7490SA Datasheet HTML 1Page - STMicroelectronics TDA7490SA Datasheet HTML 2Page - STMicroelectronics TDA7490SA Datasheet HTML 3Page - STMicroelectronics TDA7490SA Datasheet HTML 4Page - STMicroelectronics TDA7490SA Datasheet HTML 5Page - STMicroelectronics TDA7490SA Datasheet HTML 6Page - STMicroelectronics TDA7490SA Datasheet HTML 7Page - STMicroelectronics TDA7490SA Datasheet HTML 8Page - STMicroelectronics TDA7490SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1
November 2005
1/13
13
TDA7490SA
10W +10W Stereo Class-D Amplifier
Features
■ FEATURES
■ 10W + 10W CONTINUOUS OUTPUT
POWER: RL = 8Ω THD = 10%
■ HIGH EFFICIENCY
■ SINGLE SUPPLY AND SPLIT SUPPLY
OPERATION
■ POP NOISE FREE
■ ST-BY AND MUTE FEATURES
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION
■ EXTERNALLY SYNCHRONIZABLE
Description
The tda7490SA is a dual audio class-D amplifier
assembled in CLIPWATT 19 package specially
designed for high efficiency application mainly for
TV, LCD TV and Home Stereo sets.
.
Order codes
CLIPWATT 19
Part number
Temp range,
°CPackage
Packing
TDA7490SA
0 to 70
CLIPWATT 19
Tube
www.st.com


Similar Part No. - TDA7490SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
More results

Similar Description - TDA7490SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
10W Stereo Class-D Speaker Driver Amplifier
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
10W Stereo Class-D Speaker Driver
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com