Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490SA Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7490SA
Description  10W 10W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490SA Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7490SA Datasheet HTML 1Page - STMicroelectronics TDA7490SA Datasheet HTML 2Page - STMicroelectronics TDA7490SA Datasheet HTML 3Page - STMicroelectronics TDA7490SA Datasheet HTML 4Page - STMicroelectronics TDA7490SA Datasheet HTML 5Page - STMicroelectronics TDA7490SA Datasheet HTML 6Page - STMicroelectronics TDA7490SA Datasheet HTML 7Page - STMicroelectronics TDA7490SA Datasheet HTML 8Page - STMicroelectronics TDA7490SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TDA7490SA
1 Typical application and pin description
3/13
1
Typical application and pin description
1.1
typical application
Figure 1.
typical application and test circuit for single and split supply
1.2
pin description
Figure 2.
pin connection
DRIVER
DRIVER
REGULATOR
OSCILLATOR
PWM STAGE
PWM STAGE
C3 330nF
INPUT1
EXTERNAL
CLK
INPUT2
C5
1nF
IN1
REFERENCE
TRIANGLE1
TRIANGLE2
IN2
R1
27K
T2
C1
100nF
C9
100nF
C10
100nF
C18
560pF
R7
100
C16
33nF
C13
100nF
C12
100nF
C15 2200
µF
C14 2200
µF
C19
560pF
R8
100
C17
33nF
C11
100nF
-VCC/GND
-VCC/GND
-VCC/GND
-VCC/GND
+VCC
C4 330nF
C6
1nF
R4 30K
R6 10K
R5 10K
C8
2.2
µF
STBY
STBY/MUTE
+5V
-5V
VREG
OUT2
+VCC2
BOOTSTRAP2
-VCC
OUT1
+VCC1
BOOSTRAP1
LOUDSPEAKER1
LOUDSPEAKER2
MUTE
GND
R2
22K
C2
330pF
R3
22K
C7
330pF
L1 30
µ
L2 30
µ
C20
220nF
C21
220nF
D99AU1066B
6
8
5
13
15
12
4
14
7
16
10
19
17
9
1
2
18
3
/GND
(**)
(**)
1000
µF
1000
µF
(*)
+VCC
-VCC/GND
R9
1K
R10
1K
(*) Only for single Supply Solution
(**) To add externally the PCB for Single Supply
1
2
3
4
5
6
7
D04AU1542
9
10
11
8
13
14
15
16
17
18
19
12
OUT1
+VCC2
OUT2
BOOT2
VREG
IN2
+5V
TRIANGLE2
GND
N.C.
-VCC
-VCC
TRIANGLE1
-5V
REFERENCE
IN1
ST-BY/MUTE
BOOT1
+VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com