Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490SA Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7490SA
Description  10W 10W Stereo Class-D Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490SA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7490SA Datasheet HTML 5Page - STMicroelectronics TDA7490SA Datasheet HTML 6Page - STMicroelectronics TDA7490SA Datasheet HTML 7Page - STMicroelectronics TDA7490SA Datasheet HTML 8Page - STMicroelectronics TDA7490SA Datasheet HTML 9Page - STMicroelectronics TDA7490SA Datasheet HTML 10Page - STMicroelectronics TDA7490SA Datasheet HTML 11Page - STMicroelectronics TDA7490SA Datasheet HTML 12Page - STMicroelectronics TDA7490SA Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TDA7490SA
4 Package information
11/13
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
Figure 14. clipwatt19 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
7390917 A
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.2
0.126
B
1.05
0.041
C
0.15
0.006
D
1.50
0.061
E
0.49
0.55
0.019
0.022
F
0.47
0.50
0.58
0.018
0.020
F1
0.1
0.004
G
0.87
1.00
1.13
0.034
0.039
0.044
G1
17.87
18.0
18.13
0.703
0.708
0.713
H1
12.0
0.480
H2
18.6
0.732
H3
19.85
0.781
L
17.9
0.704
L1
14.55
0.572
L2
10.7
11.0
11.2
0.421
0.433
0.441
L3
5.50
0.217
M
2.54
0.100
M1
2.54
0.100
Clipwatt19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com