Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 7Page - STMicroelectronics TDA7417 Datasheet HTML 8Page - STMicroelectronics TDA7417 Datasheet HTML 9Page - STMicroelectronics TDA7417 Datasheet HTML 10Page - STMicroelectronics TDA7417 Datasheet HTML 11Page - STMicroelectronics TDA7417 Datasheet HTML 12Page - STMicroelectronics TDA7417 Datasheet HTML 13Page - STMicroelectronics TDA7417 Datasheet HTML 14Page - STMicroelectronics TDA7417 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TDA7417
Electrical specifications
11/34
BASS CONTROL
Fc
Center frequency (1)
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
180
200
220
Hz
QBASS
Quality factor (1)
Q1
0.9
1
1.1
Q2
1.1
1.25
1.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
CRANGE
Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
DCGAIN
Bass-DC-gain
DC = off
-1
0
+1
dB
DC = on
3.5
4.4
5.5
dB
TREBLE CONTROL
CRANGE
Control range
±14
±15
±16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fc
Center frequency (1)
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
HPF
fHP
Highpass corner frequency (1)
fHP1
72
80
88
Hz
fHP2
108
120
132
Hz
fHP3
144
160
176
Hz
SPEAKER ATTENUATORS
GMAX
Max gain
141516
dB
AMAX
Max attenuation
-83
-79
-75
dB
ASTEP
Step resolution
0.5
1
1.5
dB
AMUTE
Mute attenuation
80
90
dB
EE
Attenuation set error
2
dB
VDC
DC steps
Adjacent attenuation steps
-5
0.1
5
mV
AUDIO OUTPUTS
VCL
Clipping level
THD = 1%
2
2.3
VRMS
ROUT
Output impedance
5
30
100
W
RL
Output load resistance
2
k
Ω
CL
Output load capacitor
10
nF
Table 5.
Electrical characteristics (continued)
VS = 8.5V; Tamb= 25 C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com