Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 8Page - STMicroelectronics TDA7417 Datasheet HTML 9Page - STMicroelectronics TDA7417 Datasheet HTML 10Page - STMicroelectronics TDA7417 Datasheet HTML 11Page - STMicroelectronics TDA7417 Datasheet HTML 12Page - STMicroelectronics TDA7417 Datasheet HTML 13Page - STMicroelectronics TDA7417 Datasheet HTML 14Page - STMicroelectronics TDA7417 Datasheet HTML 15Page - STMicroelectronics TDA7417 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical specifications
TDA7417
12/34
Note:
It is not recommended that gain control and Softstep control be adjusted at the same time if
they are in the same byte.
It is not allowed to change multistep on/off or softstep on/off during the process of multistep
or softstep.
VDC
DC voltage level
4.05
4.25
4.4
V
AC COUPLING
RACIN
AC coupling input resistance
35
50
65
k
Ω
RACOUT
AC coupling output resistance
5
50
100
Ω
IN/OUT CONTROL
Rin
Input resistance
Differential
70
100
130
k
Ω
CMRR
Common mode rejection ratio
VCM =1 VRMS@ 1kHz
40
60
dB
VCM =1 VRMS@ 10kHz
40
60
dB
VCL(IN)
In clipping level
1.9
2
VRMS
VCL(OUT)
Out clipping level
1.9
2
VRMS
ROUT
Output impedance
50
100
Ω
RIMPED
High impedance
200
k
Ω
VDC
DC voltage level
3.1
3.3
3.5
V
I2C TIMING
VIH
High input voltage for SDA,SCL
2.5
V
VIL
Low input voltage for SDA,SCL
0.7
V
VOL
Low output voltage for SDA
0.4
V
Tr
SDA and SCL rise time
300
ns
Tf
SDA and SCL fall time
300
ns
Tsdah
SCL falling to SDA input hold time
0
0.9
us
Tsdas
SDA input setup time to SCL rising
100
ns
GENERAL
eNO
Output noise
BW=20Hz to 20 kHz all
gain = 0dB, HPF = off
12
25
µV
BW=20Hz to 20 kHz
Output muted
615
µV
S/N
Signal to noise ratio
all gain = 0dB flat;
Vo =2VRMS
95
100
dB
D
Distortion
VIN=1VRMS; all stages 0dB
HPF = off
0.01
0.1
%
SC
Channel separation left/right
80
90
dB
1.
Min and max values are calculated according to simulation results; functionality is guaranteed by measuring a directly
correlated parameter
Table 5.
Electrical characteristics (continued)
VS = 8.5V; Tamb= 25 C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com