Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 16Page - STMicroelectronics TDA7417 Datasheet HTML 17Page - STMicroelectronics TDA7417 Datasheet HTML 18Page - STMicroelectronics TDA7417 Datasheet HTML 19Page - STMicroelectronics TDA7417 Datasheet HTML 20Page - STMicroelectronics TDA7417 Datasheet HTML 21Page - STMicroelectronics TDA7417 Datasheet HTML 22Page - STMicroelectronics TDA7417 Datasheet HTML 23Page - STMicroelectronics TDA7417 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Description of the audioprocessor
TDA7417
20/34
4.8
Highpass filter
The highpass filter has 2 order filter characteristics with programmable cut-off frequency
(80/120/160Hz)
Figure 15.
Highpass Control
4.9
Output Selector and Mixing
The output-selector allows different sources to connect to the front output. The setup of the
output selector is shown in Figure 16. A Mixing-stage is placed after the front speaker-
attenuator and can be set to mixing-mode.
In normal mode, switch (sw1) turns to down and main signal is directly outputted through
front pin. In the mixing mode, switch (sw1) turns up, mono differential signal and main signal
are mixed with ratio -6/-6dB. Having a full volume-attenuator for the mix-signal, the stage
offers a wide flexibility to adapt the mixing levels.
Figure 16.
Output Selector
Rear
Main
Mix_out
Attenuator
Attenuator
Attenuator
Attenuator
SW
sw
1
-6/-6
dB
Mono
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com