Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 17Page - STMicroelectronics TDA7417 Datasheet HTML 18Page - STMicroelectronics TDA7417 Datasheet HTML 19Page - STMicroelectronics TDA7417 Datasheet HTML 20Page - STMicroelectronics TDA7417 Datasheet HTML 21Page - STMicroelectronics TDA7417 Datasheet HTML 22Page - STMicroelectronics TDA7417 Datasheet HTML 23Page - STMicroelectronics TDA7417 Datasheet HTML 24Page - STMicroelectronics TDA7417 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TDA7417
Description of the audioprocessor
21/34
4.10
IN/OUT control
IN/OUT control offers selectable full-differential stereo input or Bass output as figure15
shown. When used as full-differential input, bass buffer output is disabled, full-differential
input switch sw1(sw4) closes and sw2(sw3) closes. When used as bass output, full-
differential input switch sw1(sw4) opens and sw2(sw3) still closes, single ended bass output
signal is converted to full differential output. IN/OUT control supports high impedance status
when bass buffer output is disabled, full-differential input switch sw1(sw4) opens and
sw2(sw3) closes.
Figure 17.
IN/OUT control
4.11
Audioprocessor Testing
In the test mode, which can be activated by setting bit D7 of the IIC subaddress byte and bit
D0 of the testing audioprocessor byte, several internal signals are available at the QDL pin.
In this mode, the input resistance of 100kOhm is disconnected from the pin. Internal signals
available for testing are listed in the data-byte specification. External clock can be available
at the SE1R pin.
+
-
+
-
+
-
Enable
1
3.5dB
-3.5dB
sw1
sw2
50k
50k
50k
50k
sw3
sw4
D1
D1
–1
BassOUTL
FDL
OUT/INL+
OUT/INL-
AC00063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com