Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7417 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7417 Datasheet HTML 9Page - STMicroelectronics TDA7417 Datasheet HTML 10Page - STMicroelectronics TDA7417 Datasheet HTML 11Page - STMicroelectronics TDA7417 Datasheet HTML 12Page - STMicroelectronics TDA7417 Datasheet HTML 13Page - STMicroelectronics TDA7417 Datasheet HTML 14Page - STMicroelectronics TDA7417 Datasheet HTML 15Page - STMicroelectronics TDA7417 Datasheet HTML 16Page - STMicroelectronics TDA7417 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TDA7417
Description of the audioprocessor
13/34
4
Description of the audioprocessor
4.1
Input stages
In the basic configuration, one stereo quasi-differential, one selectable full-differential and
two single ended stereo inputs are available. As Figure 3 shown.
Quasi-differential stereo Input (QD)
The QD input is implemented as a buffered quasi-differential stereo stage with 100k
Ω input-
impedance at each input. The attenuation is fixed to -3.5dB in order to adapt the incoming
signal level.
Single-ended stereo input (SE1, SE2)
The input-impedance at each input is 100k
Ω and the attenuation is fixed to -3.5dB for
incoming signals.
Full differential stereo Input (FD)
The FD input is implemented as a selectable full-differential stereo stage with 50k input-
impedance at each input or high impedance status. The attenuation is fixed to -3.5dB in
order to adapt the incoming signal level.The high impedance status is 100k
Ω
Figure 3.
Input stage
4.2
AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by
canceling any offset generated by or before the In-Gain-stage (Please notice that externally
generated offsets, e.g. generated through the leakage current of the coupling capacitors,
are not canceled).
The auto-zeroing is started every time the input source is changed and needs max. 0.32ms
for the alignment. To avoid audible clicks the Audio processor is muted before the loudness
stage during this time.
Quasi-differential
SEL1/SER1
SEL2/SER2
Full-differential
Mute
InGain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com