Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 73Page - STMicroelectronics ST10F272M Datasheet HTML 74Page - STMicroelectronics ST10F272M Datasheet HTML 75Page - STMicroelectronics ST10F272M Datasheet HTML 76Page - STMicroelectronics ST10F272M Datasheet HTML 77Page - STMicroelectronics ST10F272M Datasheet HTML 78Page - STMicroelectronics ST10F272M Datasheet HTML 79Page - STMicroelectronics ST10F272M Datasheet HTML 80Page - STMicroelectronics ST10F272M Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 175 page
background image
ST10F272M
System reset
77/176
20
System reset
System reset initializes the MCU in a predefined state. There are six ways to activate a reset
state. The system start-up configuration is different for each case as shown in Table 41.
The figures in the upcoming sections 20.2, 20.3, 20.5 and 20.6 use the following
terminology:
●
transparent
= level of the pin affects the internal reset logic
●
not transparent = level of the pin does not affect internal logic
20.1
Input filter
On the RSTIN input pin an on-chip RC filter is implemented. It is sized to filter all spikes
shorter than 50ns. On the other hand, a valid pulse longer than 500ns is required for the
ST10 to recognize a reset command. In between 50ns and 500ns a pulse can either be
filtered or recognized as valid, depending on the operating conditions and process
variations.
For this reason all minimum durations mentioned in this chapter for the different kinds of
reset events must be carefully evaluated, taking into account the above requirements.
In particular, for Short Hardware Reset, where only 4 TCL is specified as minimum input
reset pulse duration, the operating frequency is a key factor.
Examples:
●
For a CPU clock of 40 MHz, 4 TCL is 50ns, so it would be filtered. In this case the
minimum becomes the one imposed by the filter (that is 500ns).
●
For a CPU clock of 4 MHz, 4 TCL is 500ns. In this case the minimum from the formula
is coherent with the limit imposed by the filter.
Table 41.
Reset event definition
Reset source
Flag
RPD
status
Conditions
Power-on reset
PONR
Low
Power-on
Asynchronous Hardware
reset
LHWR
Low
tRSTIN >
(1)
1.
RSTIN pulse should be longer than 500ns (Filter) and than settling time for configuration of Port0.
Synchronous Long Hardware
reset
High
tRSTIN > (1032 + 12) TCL + max(4 TCL, 500ns)
(2)
2.
See next Section 20.1 for more details on minimum reset pulse duration.
Synchronous Short Hardware
reset
SHWR
High
tRSTIN > max(4 TCL, 500ns)
(2)
tRSTIN < (1032 + 12) TCL + max(4 TCL, 500ns)
(2)
Watchdog Timer reset
WDTR
(3)
3.
The RPD status has no influence unless Bidirectional Reset is activated (bit BDRSTEN in SYSCON): RPD
low inhibits the Bidirectional reset on SW and WDT reset events, that is RSTIN is not activated (refer to
Sections 20.4, 20.5 and 20.6).
WDT overflow
Software reset
SWR
(3)
SRST instruction execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com