Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 24Page - STMicroelectronics ST10F272M Datasheet HTML 25Page - STMicroelectronics ST10F272M Datasheet HTML 26Page - STMicroelectronics ST10F272M Datasheet HTML 27Page - STMicroelectronics ST10F272M Datasheet HTML 28Page - STMicroelectronics ST10F272M Datasheet HTML 29Page - STMicroelectronics ST10F272M Datasheet HTML 30Page - STMicroelectronics ST10F272M Datasheet HTML 31Page - STMicroelectronics ST10F272M Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 175 page
background image
Internal Flash memory
ST10F272M
28/176
5.3
Write operation
The Flash module has one single register interface mapped in the memory space of the
IBus (08’0000h - 08’0015h). All the operations are enabled through four 16-bit control
registers: Flash Control Register 1-0 High/Low (FCR1H/L-FCR0H/L). Eight other 16-bit
registers are used to store Flash address and data for program operations (FARH/L and
FDR1H/L-FDR0H/L) and Write Operation Error flags (FERH/L). All registers are accessible
with 8- and 16-bit instructions (since the IBUS operates in 16-bit mode for read/write
accesses to data).
Note:
The register that controls the Temporary Unprotection of the Flash is located on the XBus at
address 00’EB50h in the XMiscellaneous Register area.
Before accessing the IFlash module (and consequently the Flash register to be used for
program/erasing operations), the ROMEN bit in SYSCON register must be set.
Caution:
During a Flash write operation any attempt to read the Flash itself, that is under
modification, will output invalid data (software trap 009Bh). This means that the Flash is not
fetchable when a programming operation is active:The write operation commands must
be executed from another memory (internal RAM or external memory), as in ST10F269
device. In fact, due to IBus characteristics, it is not possible to perform a write operation on
IFlash, when fetching code from IFlash.
Direct addressing is not allowed for write accesses to IFlash Control Registers.
Warning:
During a Write operation, when bit LOCK of FCR0 is set, it is
forbidden to write into the Flash Control Registers.
Power supply drop
If during a write operation the internal low voltage supply drops below a certain internal
voltage threshold, any write operation running is suddenly interrupted and the module is
reset to Read mode. At following Power-on, the interrupted Flash write operation must be
repeated.
5.4
Registers description
5.4.1
Flash control register 0 low (FCR0L)
The Flash Control Register 0 Low (FCR0L) together with the Flash Control Register 0 High
(FCR0H) are used to enable and to monitor all the write operations on the IFlash. The user
has no access in write mode to the Test-Flash (B0TF). Moreover, the Test-Flash block is
seen by the user in Bootstrap mode only.
FCR0L (0x08 0000)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
Reserved
LOCK Reserved BSY0 Res.
-RO
-
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com