Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 22Page - STMicroelectronics ST10F272M Datasheet HTML 23Page - STMicroelectronics ST10F272M Datasheet HTML 24Page - STMicroelectronics ST10F272M Datasheet HTML 25Page - STMicroelectronics ST10F272M Datasheet HTML 26Page - STMicroelectronics ST10F272M Datasheet HTML 27Page - STMicroelectronics ST10F272M Datasheet HTML 28Page - STMicroelectronics ST10F272M Datasheet HTML 29Page - STMicroelectronics ST10F272M Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 175 page
background image
Internal Flash memory
ST10F272M
26/176
The Addresses from 0x08 0000 to 0x08 FFFF are reserved for the Control Register
Interface and other internal service memory space used by the Flash Program/Erase
controller.
The following tables show the memory mapping of the Flash when it is accessed in read
mode (Table 4: Flash modules sectorization (Read operations)), and when accessed in
write or erase mode (Table 5: Flash modules sectorization (Write operations or with
ROMS1 = ‘1’ or BootStrap mode)).
Note:
With this second mapping, the first four banks are remapped into code segment 1 (same as
obtained setting bit ROMS1 in SYSCON register).
Table 4.
Flash modules sectorization (Read operations)
Bank
Description
Addresses
Size
(bytes)
ST10 Bus size
B0
Bank 0 Flash 0 (B0F0)
0x0000 0000 - 0x0000 1FFF
8K
32-bit (IBus)
Bank 0 Flash 1 (B0F1)
0x0000 2000 - 0x0000 3FFF
8K
Bank 0 Flash 2 (B0F2)
0x0000 4000 - 0x0000 5FFF
8K
Bank 0 Flash 3 (B0F3)
0x0000 6000 - 0x0000 7FFF
8K
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32K
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64K
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64K
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64K
Table 5.
Flash modules sectorization (Write operations or with ROMS1 = ‘1’ or
BootStrap mode)
Bank
Description
Addresses
Size
(bytes)
ST10 Bus size
B0
Bank 0 Test-Flash (B0TF)
0x0000 0000 - 0x0000 1FFF
8K
32-bit (IBus)
Bank 0 Flash 0 (B0F0)
0x0001 0000 - 0x0001 1FFF
8K
Bank 0 Flash 1 (B0F1)
0x0001 2000 - 0x0001 3FFF
8K
Bank 0 Flash 2 (B0F2)
0x0001 4000 - 0x0001 5FFF
8K
Bank 0 Flash 3 (B0F3)
0x0001 6000 - 0x0001 7FFF
8K
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32K
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64K
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64K
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com