Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 26Page - STMicroelectronics ST10F272M Datasheet HTML 27Page - STMicroelectronics ST10F272M Datasheet HTML 28Page - STMicroelectronics ST10F272M Datasheet HTML 29Page - STMicroelectronics ST10F272M Datasheet HTML 30Page - STMicroelectronics ST10F272M Datasheet HTML 31Page - STMicroelectronics ST10F272M Datasheet HTML 32Page - STMicroelectronics ST10F272M Datasheet HTML 33Page - STMicroelectronics ST10F272M Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 175 page
background image
Internal Flash memory
ST10F272M
30/176
14
SUSP
Suspend
This bit must be set to suspend the current Program (Word or Double Word) or Sector
Erase operation in order to read data in one of the Sectors of the Bank under
modification or to program data in another Bank. The Suspend operation resets the
Flash Bank to normal read mode (automatically resetting bit BSY0). When in Program
Suspend, the Flash module accepts only the following operations: Read and Program
Resume. When in Erase Suspend the module accepts only the following operations:
Read, Erase Resume and Program (Word or Double Word; Program operations cannot
be suspended during Erase Suspend). To resume a suspended operation, the WMS bit
must be set again, together with the selection bit corresponding to the operation to
resume (WPG, DWPG, SER).
Note: It is forbidden to start a new Write operation with bit SUSP already set.
13
WPG
Word Program
This bit must be set to select the Word (32 bits) Program operation in the Flash module.
The Word Program operation can be used to program 0s in place of 1s. The Flash
Address to be programmed must be written in the FARH/L registers, while the Flash
Data to be programmed must be written in the FDR0H/L registers before starting the
execution by setting bit WMS. WPG bit is automatically reset at the end of the Word
Program operation.
12 DWPG
Double Word Program
This bit must be set to select the Double Word (64 bits) Program operation in the Flash
module. The Double Word Program operation can be used to program 0s in place of 1s.
The Flash Address in which to program (aligned with even words) must be written in the
FARH/L registers, while the two Flash Data words to be programmed must be written in
the FDR0H/L registers (even word) and FDR1H/L registers (odd word) before starting
the execution by setting bit WMS. DWPG bit is automatically reset at the end of the
Double Word Program operation.
11
SER
Sector Erase
This bit must be set to select the Sector Erase operation in the Flash modules. The
Sector Erase operation can be used to erase all the Flash locations to value 0xFF. From
1 to all the sectors of the same Bank (excluded Test-Flash for Bank B0) can be selected
to be erased through bits BxFy of FCR1H/L registers before starting the execution by
setting bit WMS. It is not necessary to preprogram the sectors to 0x00, because this is
done automatically. SER bit is automatically reset at the end of the Sector Erase
operation.
8
SPR
Set Protection
This bit must be set to select the Set Protection operation. The Set Protection operation
can be used to program 0s in place of 1s in the Flash Non-Volatile Protection Registers.
The Flash Address in which to program must be written in the FARH/L registers, while
the Flash Data to be programmed must be written in the FDR0H/L before starting the
execution by setting bit WMS. A sequence error is flagged by bit SEQER of FER if the
address written in FARH/L is not in the range of 0x0E8FB0 to 0x08DFBF. SPR bit is
automatically reset at the end of the Set Protection operation.
Table 8.
Flash control register 0 high (continued)
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com