Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 33Page - STMicroelectronics ST10F272M Datasheet HTML 34Page - STMicroelectronics ST10F272M Datasheet HTML 35Page - STMicroelectronics ST10F272M Datasheet HTML 36Page - STMicroelectronics ST10F272M Datasheet HTML 37Page - STMicroelectronics ST10F272M Datasheet HTML 38Page - STMicroelectronics ST10F272M Datasheet HTML 39Page - STMicroelectronics ST10F272M Datasheet HTML 40Page - STMicroelectronics ST10F272M Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 175 page
background image
ST10F272M
Internal Flash memory
37/176
5.5.5
Flash non-volatile access protection register 1 high (FNVAPR1H)
5.5.6
XBus Flash volatile temporary access unprotection register
(XFVTAUR0)
5.5.7
Access protection
The IFlash module has one level of access protection (access to data both in Reading and
Writing).
When bit ACCP of FNVAPR0 is programmed at 0 and bit TAUB in XFVTAUR0 is set at 0, the
IFlash module becomes access protected (data in the IFlash module can be read only if the
current execution is from the IFlash module itself).
Trying to read into the access protected Flash from internal RAM or external memories will
output a dummy data (software trap 009Bh).
When the Flash module is protected in access, data access through PEC transfers is also
forbidden. To read/write data through PEC in a protected Bank, first it is necessary to
temporarily unprotect the Flash module.
FNVAPR1H (0x08 DFBE)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
987
65432
10
PEN15PEN14PEN13PEN12PEN11PEN10 PEN9 PEN8 PEN7 PEN6 PEN5 PEN4 PEN3 PEN2 PEN1 PEN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 22.
Flash non-volatile access protection register 1 high
Bit
Name
Function
15:0 PEN[15:0]
Protections Enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, the action of bit
ACCP is enabled again. Bit PENx can be programmed at 0 only if bit PDSx has
already been programmed at 0.
XFVTAUR0 (0x00 EB50)
NVR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
Reserved
TAUB
-RW
Table 23.
XBus Flash volatile temporary access unprotection register
Bit
Name
Function
0TAUB
Temporary Access Unprotection bit
If this bit is set to 1, the Access Protection is temporary disabled.
The fact that this bit can be written only while executing from IFlash guarantees that
only a code executed in IFlash can unprotect the IFlash when it is Access
Protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com