Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 100Page - STMicroelectronics ST10F272M Datasheet HTML 101Page - STMicroelectronics ST10F272M Datasheet HTML 102Page - STMicroelectronics ST10F272M Datasheet HTML 103Page - STMicroelectronics ST10F272M Datasheet HTML 104Page - STMicroelectronics ST10F272M Datasheet HTML 105Page - STMicroelectronics ST10F272M Datasheet HTML 106Page - STMicroelectronics ST10F272M Datasheet HTML 107Page - STMicroelectronics ST10F272M Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 175 page
background image
Power reduction modes
ST10F272M
104/176
In normal running mode (that is when main VDD is on) the VSTBY pin can be tied to VSS
during reset to exercise the EA functionality associated with the same pin: the voltage
supply for the circuitries which are usually biased with VSTBY (see in particular the 32 kHz
oscillator used in conjunction with Real Time Clock module), is granted by the active main
VDD.
It must be noted that Stand-by mode can generate problems associated with the usage of
different power supplies in CMOS systems; particular attention must be paid when the
ST10F272M I/O lines are interfaced with other external CMOS integrated circuits: if VDD of
ST10F272M becomes (for example, in Stand-by mode) lower than the output level forced by
the I/O lines of these external integrated circuits, the ST10F272M could be directly powered
through the inherent diode existing on ST10F272M output driver circuitry. The same is valid
for ST10F272M interfaced to active/inactive communication buses during Stand-by mode:
current injection can be generated through the inherent diode.
Furthermore, the sequence of turning on/off of the different voltage could be critical for the
system (not only for the ST10F272M device). The device Stand-by mode current (ISTBY)
may vary while VDD to VSTBY (and vice versa) transition occurs: some current flows between
VDD and VSTBY pins. System noise on both VDD and VSTBY can contribute to increase this
phenomenon.
21.3.1
Entering stand-by mode
As already stated, to enter Stand-by mode the XRAM2EN bit in the XPERCON register
must be cleared: This allows the RAM interface to be frozen immediately, avoiding any data
corruption. As a consequence of a RESET event, the RAM power supply is switched to the
internal low-voltage supply V18SB (derived from VSTBY through the low-power voltage
regulator). The RAM interface remains frozen until the bit XRAM2EN is set again by
software initialization routine (at next exit from main VDD power-on reset sequence).
Since V18 is falling down (as a consequence of VDD turning off), it can happen that the
XRAM2EN bit is no longer able to guarantee its content (logic “0”), being the XPERCON
Register powered by internal V18. This does not generate any problem, because the Stand-
by mode switching dedicated circuit continues to confirm the RAM interface freezing,
irrespective the XRAM2EN bit content; XRAM2EN bit status is considered again when
internal V18 comes back over internal stand-by reference V18SB.
If internal V18 becomes lower than internal stand-by reference (V18SB) of about 0.3 to 0.45V
with bit XRAM2EN set, the RAM Supply switching circuit is not active: in case of a
temporary drop on internal V18 voltage versus internal V18SB during normal code execution,
no spurious Stand-by mode switching can occur (the RAM is not frozen and can still be
accessed).
The ST10F272M Core module, generating the RAM control signals, is powered by internal
V18 supply; during turning off transient these control signals follow the V18, while RAM is
switched to V18SB internal reference. It could happen that a high level of RAM write strobe
from ST10F272M Core (active low signal) is low enough to be recognized as a logic “0” by
the RAM interface (due to V18 lower than V18SB): The bus status could contain a valid
address for the RAM and an unwanted data corruption could occur. For this reason, an extra
interface, powered by the switched supply, is used to prevent the RAM from this kind of
potential corruption mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com