Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 135Page - STMicroelectronics ST10F272M Datasheet HTML 136Page - STMicroelectronics ST10F272M Datasheet HTML 137Page - STMicroelectronics ST10F272M Datasheet HTML 138Page - STMicroelectronics ST10F272M Datasheet HTML 139Page - STMicroelectronics ST10F272M Datasheet HTML 140Page - STMicroelectronics ST10F272M Datasheet HTML 141Page - STMicroelectronics ST10F272M Datasheet HTML 142Page - STMicroelectronics ST10F272M Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 175 page
background image
ST10F272M
Electrical characteristics
139/176
The considerations above lead to impose new constraints to the external circuit, to reduce
the accuracy error due to the voltage drop on CS; from the two charge balance equations
above, it is simple to derive the following relation between the ideal and real sampled
voltage on CS:
From this formula, in the worst case (when VA is maximum, that is for instance 5V),
assuming to accept a maximum error of half a count (~2.44mV), a constraint is immediately
evident on CF value:
In the next section an example of how to design the external network is provided, assuming
some reasonable values for the internal parameters and making a hypothesis on the
characteristics of the analog signal to be sampled.
Example of external network sizing
The following hypotheses are formulated in order to proceed in designing the external
network on A/D Converter input pins:
●
Analog Signal Source Bandwidth (f0): 10 kHz
●
conversion Rate (fC): 25 kHz
●
Sampling Time (TS): 1µs
●
Pin Input Capacitance (CP1): 5pF
●
Pin Input Routing Capacitance (CP2): 1pF
●
Sampling Capacitance (CS): 4pF
●
Maximum Input Current Injection (IINJ): 3mA
●
Maximum Analog Source Voltage (VAM): 12V
●
Analog Source Impedance (RS): 100Ω
●
Channel Switch Resistance (RSW): 500Ω
●
Sampling Switch Resistance (RAD): 200Ω
V
A
V
A2
-----------
C
P1
C
P2
+C
F
+
C
P1
C
P2
+C
F
C
S
++
------------------------------------------------------------
=
C
F
2048 C
S
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com