Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL42005ACPZ-1.8-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL42005ACPZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
8 of 26
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. LFCSP Package
Figure 4. Narrow Body SOIC Package
Pin Descriptions
Table 5. Pin Descriptions
PIN
NAME
DESCRIPTION
CFG 1
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1µF or greater capacitor.
2
SENSE/ADJ
Sense (SENSE). Measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect of IR
drop between the regulator output and the load. This function applies to fixed voltages
only. Adjust Input (ADJ). An external resistor divider sets the output voltage. This
function applies to adjustable voltages only.
3
GND
Ground
4
NC
Do Not Connect to This Pin.
5
EN/UVLO
Enable Input (EN). Drive EN high to turn on the regulator; drive EN low to turn off the
regulator. For automatic startup, connect EN to VIN. Programmable Undervoltage
Lockout (UVLO). When the programmable UVLO function is used, the upper and lower
thresholds are determined by the programming resistors.
6
GND
Ground
7
PG
Power Good. This open-drain output requires an external pull-up resistor to VIN or VOUT.
If the part is in shutdown, current limit, thermal shutdown, or falls below 90% of the
nominal output voltage, PG immediately transitions low. If the power-good function is
not used, the pin may be left open or connected to ground.
8
VIN
Regulator Input Supply. Bypass VIN to GND with a 1µF or greater capacitor.
EPAD
Exposed Pad. Exposed paddle on the bottom of the package. The EPAD enhances
thermal performance and is electrically connected to GND inside the package. It is
highly recommended that the EPAD be connected to the ground plane on the board.
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO
THIS PIN.
2. IT IS HIGHLY RECOMMENDED THAT THE
EXPOSED PAD ON THE BOTTOM OF THE
PACKAGE BE CONNECTED TO THE GROUND
PLANE ON THE BOARD.
3
GND
4
NC
1
VOUT
2
SENSE/ADJ
6 GND
5 EN/UVLO
8 VIN
7 PG
ADPL42005
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO
THIS PIN.
2. IT IS HIGHLY RECOMMENDED THAT THE
EXPOSED PAD ON THE BOTTOM OF THE
PACKAGE BE CONNECTED TO THE GROUND
PLANE ON THE BOARD.
VOUT 1
SENSE/ADJ 2
GND 3
NC 4
VIN
8
PG
7
GND
6
EN/UVLO
5
ADPL42005
TOP VIEW
(Not to Scale)
EXPOSED PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com