Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-1.8-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL42005ACPZ-1.8-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-1.8-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL42005ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
18 of 26
Figure 43. Typical VOUT Response to EN Pin Operation
The upper and lower thresholds are user programmable and can be set using two resistors. When the EN/UVLO pin
voltage is below 1.22V, the LDO is disabled. When the EN/UVLO pin voltage transitions above 1.22V, the LDO is
enabled and 10µA hysteresis current is sourced out from the pin raising the voltage, thus providing threshold
hysteresis. Typically, two external resistors program the minimum operational voltage for the LDO. The resistance
values, R1 and R2, can be determined from:
R1 = VHYS/10μA
R2 = 1 . 22V × R1/(VIN − 1 . 22V)
where:
VIN is the desired turn-on voltage.
VHYS is the desired EN/UVLO hysteresis level.
Hysteresis can also be achieved by connecting a resistor in series with the EN/UVLO pin. For the example shown in
Figure 44, the enable threshold is 2.44V with a hysteresis of 1V.
Figure 44. Typical EN Pin Voltage Divider
Figure 43 shows the typical hysteresis of the EN/UVLO pin. This prevents on/off oscillations that can occur because
of noise on the EN pin as it passes through the threshold points.
The ADPL42005 uses an internal soft-start to limit the inrush current when the output is enabled. The startup time
for the 3.3V option is approximately 580μs from the time the EN active threshold is crossed to when the output
reaches 90% of its final value. As shown in Figure 45, the startup time is dependent on the output voltage setting.
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
1.00
VOUT, EN RISE
VOUT, EN FALL
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
SENSE
EN/
UVLO
RPG
100kΩ
R2
100kΩ
R1
100kΩ
COUT
1µF
CIN
1µF
ON
OFF
+
+
ADPL42005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com