Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-1.8-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPL42005ACPZ-1.8-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-1.8-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPL42005ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
17 of 26
APPLICATIONS INFORMATION
Design Tools
The ADPL42005 is supported by the LTpowerCAD® and LTspice® design tools to produce complete power designs
and simulations. For more information on design tools, visit the ADPL42005 product page.
Capacitor Selection
Output Capacitor
The ADPL42005 is designed for operation with small, space-saving ceramic capacitors but functions with most
commonly used capacitors as long as care is taken with regard to the effective series resistance (ESR) value. The ESR
of the output capacitor affects the stability of the LDO control loop. A minimum of 1µF capacitance with an ESR of
1Ω or less is recommended to ensure the stability of the ADPL42005. Transient response to changes in load current
is also affected by output capacitance. Using a larger value of output capacitance improves the transient response
of the ADPL42005 to large changes in load current. Figure 42 shows the transient responses for an output capacitance
value of 1µF.
Figure 42. Output Transient Response, VOUT = 1.8V, COUT = 1µF
Input Bypass Capacitor
Connecting a 1µF capacitor from VIN to GND reduces the circuit sensitivity to the printed circuit board (PCB) layout,
especially when long input traces or high source impedance are encountered. If greater than 1µF of output
capacitance is required, the input capacitor should be increased to match it.
Programmable Undervoltage Lockout(UVLO)
The ADPL42005 uses the EN/UVLO pin to enable and disable the VOUT pin under normal operating conditions. As
shown in Figure 43, when a rising voltage on EN crosses the upper threshold, VOUT turns on. When a falling voltage on
EN/UVLO crosses the lower threshold, VOUT turns off. The hysteresis of the EN/UVLO threshold is determined by the
Thevenin equivalent resistance in series with the EN/UVLO pin.
CH2 50mV
CH1 500mA
M 20µs
A CH1
270mA
1
2
T 10%
Ω
LOAD CURRENT
OUTPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com