Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-1.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL42005ACPZ-1.8-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-1.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL42005ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
12 of 26
Figure 21. Ground Current (IGND) vs. Junction Temperature
(TJ ), VOUT = 1.8V
Figure 22. Ground Current (IGND) vs. Load Current (ILOAD),
VOUT = 1.8V
Figure 23. Ground Current (IGND) vs. Input Voltage (VIN),
VOUT = 1.8V
Figure 24. Output Voltage (VOUT) vs. Junction Temperature
(TJ), VOUT = 5V, Adjustable
Figure 25. Output Voltage (VOUT) vs. Load Current (ILOAD),
VOUT = 5V, Adjustable
Figure 26. Output Voltage (VOUT) vs. Input Voltage (VIN),
VOUT = 5V, Adjustable
0
100
200
300
400
500
600
700
800
900
25°C
85°C
125°C
TJ (°C)
–40°C
–5°C
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
0
100
200
300
400
500
600
700
0.1
1
10
100
1000
ILOAD (mA)
0
200
400
600
800
1000
1200
2
4
6
8
10
12
14
16
18
20
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
0.1
1
10
100
1000
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
6
8
10
12
14
16
18
20
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com