Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-1.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL42005ACPZ-1.8-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-1.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL42005ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADPL42005ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
16 of 26
Figure 41. Typical Adjustable Output Voltage Application Schematic
The value of R2 must be less than 200kΩ to minimize errors in the output voltage caused by the ADJ pin input current.
For example, when R1 and R2 each equal 200kΩ, the output voltage is 2.44V. The output voltage error introduced by
the ADJ pin input current is 2mV or 0.08%, assuming a typical ADJ pin input current of 10nA at 25°C.
The ADPL42005 uses the EN/UVLO pin to enable and disable the VOUT pin under normal operating conditions. When
EN/UVLO is high, VOUT turns on, and when EN is low, VOUT turns off. For automatic startup, EN/UVLO can be tied to VIN.
The ADPL42005 incorporates reverse current protections circuitry that prevents current flow backwards through the
pass element when the output voltage is greater than the input voltage. A comparator senses the difference between
the input and output voltages. When the difference between the input voltage and output voltage exceeds 55mV, the
body of the PFET is switched to VOUT and turned off or opened. In other words, the gate is connected to VOUT.
VOUT = 5V
VIN = 8V
PG
VOUT
VIN
PG
GND
ADJ
EN/
UVLO
RPG
100kΩ
R4
100kΩ
R3
100kΩ
COUT
1µF
CIN
1µF
ON
OFF
R2
13kΩ
+
+
R1
40.2kΩ
ADPL42005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com