Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6514S/883 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM1-6514S/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6514S/883 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM1-6514S/883 Datasheet HTML 1Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 2Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 3Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 4Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 5Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 6Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 7Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 8Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HM-6514/883
FN2996 Rev.1.00
Page 3 of 9
March 1997
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
JA
JC
CERDIP Package . . . . . . . . . . . . . . . .
75oC/W
15oC/W
Maximum Storage Temperature Range . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . +300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6910 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +0.8V
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . . VCC -2.0V to VCC
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns Max
TABLE 1. HM-6514/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Output Low Voltage
VOL
VCC = 4.5V
IOL = 3.2mA
1, 2, 3
-55oC
 TA  +125oC-
0.4
V
Output High Voltage
VOH
VCC = 4.5V
IOH = -1.0mA
1, 2, 3
-55oC
 TA  +125oC2.4
-
V
Input Leakage Current
II
VCC = 5.5V,
VI = GND or VCC
1, 2, 3
-55oC
 TA  +125oC
-1.0
+1.0
A
Input/Output Leakage
Current
IIOZ
VCC = 5.5 V,
VIO = GND or VCC
1, 2, 3
-55oC
 TA  +125oC
-1.0
+1.0
A
Data Retention Supply
Current
ICCDR
VCC = 2.0V,
E = VCC -0.3V,
IO = 0mA
1, 2, 3
-55oC
 TA  +125oC-
25
A
Operating Supply
Current
ICCOP
VCC = 5.5V, (Note 2)
E = 1MHz
1, 2, 3
-55oC
 TA  +125oC-
7
mA
Standby Supply
Current
ICCSB
VCC = 5.5V,
E = VCC-0.3V,
IO = 0mA
1, 2, 3
-55oC
 TA  +125oC-
50
A
NOTES:
1. All voltages referenced to device GND.
2. Typical derating 1.5mA/MHz increase in ICCOP.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com