Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6514S/883 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HM1-6514S/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6514S/883 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HM1-6514S/883 Datasheet HTML 1Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 2Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 3Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 4Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 5Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 6Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 7Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 8Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN2996 Rev.1.00
Page 1 of 9
March 1997
FN2996
Rev.1.00
March 1997
HM-6514/883
1024 x 4 CMOS RAM
DATASHEET
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Power Standby . . . . . . . . . . . . . . . . . . . 125
W Max
• Low Power Operation. . . . . . . . . . . . . . 35mW/MHz Max
• Data Retention . . . . . . . . . . . . . . . . . . . . . . . at 2.0V Min
• TTL Compatible Input/Output
• Common Data Input/Output
• Three-State Output
• Standard JEDEC Pinout
• Fast Access Time . . . . . . . . . . . . . . . . . . 120/200ns Max
• 18 Pin Package for High Density
• Gated Inputs - No Pull Up or Pull Down Resistors
Required
• On-Chip Address Register
Description
The HM-6514/883 is a 1024 x 4 static CMOS RAM fabri-
cated using self-aligned silicon gate technology. The device
utilizes synchronous circuitry to achieve high performance
and low power operation.
On chip latches are provided for addresses allowing efficient
interfacing with microprocessor systems. The data output
can be forced to a high impedance state for use in expanded
memory arrays.
Gated inputs allow lower operating current and also eliminates
the need for pull up or pull down resistors. The HM-6514/883 is
fully static RAM and may be maintained in any state for an
indefinite period of time.
Data retention supply voltage and supply current are guaran-
teed over temperature.
Ordering Information
Pinout
HM-6514/883
(CERDIP)
TOP VIEW
120ns
200ns
300ns
TEMPERATURE RANGE
PACKAGE
PKG. NO.
HM1-6514S/883
HM1-6514B/883
HM1-6514/883
-55oC to 125oCCERDIP
F18.3
PIN
DESCRIPTION
A
Address Input
E
Chip Enable
W
Write Enable
D
Data Input
Q
Data Output
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VCC
A8
A9
DQ0
DQ1
DQ2
DQ3
A7
W
A6
A5
A4
A3
A0
A1
E
A2
GND


Similar Part No. - HM1-6514S/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-6514S/883 INTERSIL-HM1-6514S/883 Datasheet
193Kb / 9P
1024 x 4 CMOS RAM
March 1997
More results

Similar Description - HM1-6514S/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
HM-6508 INTERSIL-HM-6508 Datasheet
234Kb / 9P
1024 x 1 CMOS RAM
March 1997
HM-6514 INTERSIL-HM-6514 Datasheet
41Kb / 7P
1024 x 4 CMOS RAM
March 1997
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
1024 x 1 CMOS RAM
March 1997
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Intersil Corporation
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
1024 x 4 CMOS RAM
March 1997
logo
Sanyo Semicon Device
LC3514 SANYO-LC3514 Datasheet
132Kb / 1P
1024 WORDS X 4 BITS HIGH-SPEED CMOS STATIC RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com