Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6514S/883 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HM1-6514S/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6514S/883 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HM1-6514S/883 Datasheet HTML 1Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 2Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 3Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 4Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 5Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 6Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 7Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 8Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HM-6514/883
FN2996 Rev.1.00
Page 5 of 9
March 1997
TABLE 3. HM-6514/883 ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMPERATURE
HM-6514/883
UNITS
LIMITS
MIN
MAX
Input Capacitance
CI
VCC = Open, f = 1MHz, All
Measurements Referenced
to Device Ground
1TA = +25oC-
8
pF
Input/Output
Capacitance
CIO
VCC = Open, f = 1MHz, All
Measurements Referenced
to Device Ground
1TA = +25oC
-
10
pF
Chip Enable Output
Disable Time
TELQX
VCC = 4.5 and 5.5V
1
-55oC
 TA 
+125oC
5-
Chip Enable Output
Disable Time
TEHQZ
VCC = 4.5 and 5.5V
HM-6514S/883
1
-55oC
 TA 
+125oC
-50
ns
VCC = 4.5 and 5.5V
HM-6514B/883
1
-55oC
 TA 
+125oC
-80
ns
VCC = 4.5 and 5.5V
HM-6514/883
1
-55oC
 TA 
+125oC
-
100
ns
High Level Output
Voltage
VOH2
VCC = 4.5V, IO = -100
A1
-55oC
 TA 
+125oC
VCC -0.4
-
V
NOTES:
1. The parameters listed in Table 3 are controlled via design, or process parameters are characterized upon initial design and after major
process and/or design changes.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%/5004
1
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C & D
Samples/5005
1, 7, 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com