Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6514S/883 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HM1-6514S/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6514S/883 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HM1-6514S/883 Datasheet HTML 1Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 2Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 3Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 4Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 5Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 6Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 7Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 8Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FN2996 Rev.1.00
Page 6 of 9
March 1997
HM-6514/883
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Timing Waveforms
The address information is latched in the on-chip registers on
the falling edge of E (T = 0). Minimum address set up and hold
time requirements must be met. After the required hold time,
the addresses may change state without affecting device oper-
ation. During time (T = 1) the output becomes
enabled but data is not valid until during time (T = 2). W must
remain high throughout the read cycle. After the output data
has been read, E may return high (T = 3). This will disable the
output buffer and all inputs, and ready the RAM for the next
memory cycle (T = 4).
(8)
(7) TAVEL
(6)
(4) TEHQZ
HIGH Z
VALID DATA OUT
(6)
HIGH Z
TAVEL
(7)
-1
TIME
01
2
3
4
5
REFERENCE
(2) TAVQV
(17) TELEL
TELAX
NEXT ADD
TEHEL
(2) TAVQY
TEHEL
(5) TELEH
(1) TELQV
(3) TELQX
DQ
W
E
A
FIGURE 1. READ CYCLE
VALID ADD
TRUTH TABLE
TIME
REFERENCE
INPUTS
DATA I/O
DQ
FUNCTION
E
W
A
-1
H
X
X
Z
Memory Disabled
0
H
V
Z
Cycle Begins, Addresses are Latched
1
L
H
X
X
Output Enabled
2L
H
X
V
Output Valid
3
H
X
V
Read Accomplished
4
H
X
X
Z
Prepare for Next Cycle (Same as -1)
5
H
V
Z
Cycle Ends, Next Cycle Begins (Same as 0)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com