Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6514S/883 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HM1-6514S/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6514S/883 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HM1-6514S/883 Datasheet HTML 1Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 2Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 3Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 4Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 5Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 6Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 7Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 8Page - Renesas Technology Corp HM1-6514S/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HM-6514/883
FN2996 Rev.1.00
Page 4 of 9
March 1997
TABLE 2. HM-6514/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERA-
TURE
LIMITS
UNITS
HM-6514S/883
HM-6514B/883
HM-6514/883
MIN
MAX
MIN
MAX
MIN
MAX
Chip Enable
Access Time
(1) TELQV
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
-120
-200
-300
ns
Address Access
Time
(2) TAVQV
VCC = 4.5 and
5.5V, Note 3
9, 10, 11
-55oC
 TA
 +125oC
-120
-220
-320
ns
Chip Enable
Pulse Negative
Width
(5) TELEH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
120
-
200
-
300
-
ns
Chip Enable
Pulse Positive
Width
(6) TEHEL
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
50
-
90
-
120
-
ns
Address Setup
Time
(7) TAVEL
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
0-
20
-
20
-
ns
Address Hold
Time
(8) TELAX
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
40
-
50
-
50
-
ns
Write Enable
Pulse Width
(9) TWLWH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
120
-
200
-
300
-
ns
Write Enable
Pulse Setup
Time
(10) TWLEH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
120
-
200
-
300
-
ns
Write Enable
Pulse Hold Time
(11) TELWH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
120
-
200
-
300
-
ns
Data Setup Time
(12) TDVWH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
50
-120
-200
-
ns
Data Hold Time
(13) TWHDX
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
0-0-0-
ns
Write Data Delay
Time
(14) TWLDV
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
70
-
80
-
100
-
ns
Early Output
High-Z Time
(15) TWLEL
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
0-0-0-
ns
Late Output
High-Z Time
(16) TEHWH
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
0-0-0-
ns
Read or Write
Cycle Time
(17) TELEL
VCC = 4.5 and
5.5V
9, 10, 11
-55oC
 TA
 +125oC
170
-
290
-
420
-
ns
NOTES:
1. All voltages referenced to device GND.
2. Input pulse levels: 0.8V to VCC-2.0V; Input rise and fall times: 5ns (max); Input and output timing reference level: 1.5V; Output load: 1 TTL gate
equivalent, CL = 50pF (min) - for CL greater than 50pF, access time is derated by 0.15ns per pF.
3. TAVQV = TELQV + TAVEL.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com