Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 9Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 13Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 14Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 15Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 16Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 13
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
to longer internal averaging, the noise level of the output data reduces with increasing number of
repetitions.
By using forced mode, it is possible to trigger new measurements at any rate. The user can
therefore trigger measurements in a shorter interval than it takes for a measurement cycle to
complete. If a measurement cycle is not allowed to complete, the resulting data will not be written
into the data registers. To prevent this, the manually triggered measurement intervals must not
be shorter than the active measurement time which is a function of the selected number of
repetitions. The maximum selectable read-out frequency in forced mode can be calculated as
follows:
µs
nZ
µs
nXY
µs
f
ODR
980
500
145
1
max,
+
×
+
×
≈
Hereby nXY is the number of repetitions on X/Y-axis (not the register value) and nZ the number
of repetitions on Z-axis (not the register value) (see description of XY_REP and Z_REP registers
in chapter 5).
Although the repetition numbers for X/Y and Z axis and the ODR can be adjusted independently
and in a wide range, there are four recommended presets (High accuracy preset, Enhanced
regular preset, Regular preset, Low power preset) which reflect the most common usage
scenarios, i.e. required output accuracy at a given current consumption, of the BMM150.
The four presets consist of the below register configurations, which are automatically set by the
BMM150 API or driver provided by Bosch Sensortec when a preset is selected. Table 3 shows
the recommended presets and the resulting magnetic field output noise and current consumption:
Table 3: Recommended presets for repetitions and output data rates:
Preset
Rep.
X/Y
nXY
Rep.
Z
nZ
recommended
ODR
[Hz]
Max
ODR in
forced
mode
fmax,OD
R
[Hz]
RMS Noise
x/y/z
[µT]
Average
current
consumption
at
recommended
ODR
[mA]
Low power
preset
3
3
10
>300
1.0/1.0/1.4
0.17
Regular
preset
9
15
10
100
0.6/0.6/0.6
0.5
Enhanced
regular preset
15
27
10
60
0.5/0.5/0.5
0.8
High accuracy
preset
47
83
20
20
0.3/0.3/0.3
4.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com