Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 17Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 18Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 19Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 20Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 21Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 22Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 23Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 24Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 21
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.6.5 High-threshold interrupt
When the data registers’ (DATAX, DATAY and DATAZ) values exceed the threshold level defined
by the “High Threshold register (0x50), the corresponding interrupt status bits for those axes are
set (“High Int X”, “High Int Y” and “High Int Z” in register 0x4A). This is done for each axis
independently.
Hereby, one bit in “High Threshold” corresponds to roughly 6µT (not exactly, as the raw magnetic
field values DATAX, DATAY and DATAZ are not temperature compensated).
The High-threshold interrupt is issued on INT pin when one or more values of the data registers
DATAX, DATAY and DATAZ exceed the threshold level defined by the “High Threshold” register
(0x50), and when the axis where the threshold was exceeded is enabled for interrupt generation:
Result =
(DATAX > “High Threshold” x 16) AND “High Int X en” is “0” OR
(DATAY > “High Threshold” x 16) AND “High Int Y en” is “0” OR
(DATAZ > “High Threshold” x 16) AND “High Int Z en” is “0”
Note:
Threshold interrupt enable bits (“High INT [XYZ] en”) are active low and “1” (disabled) by default.
Figure 7: High-threshold interrupt function
4.6.6 Overflow
When a measurement axis had an overflow, the corresponding data register is saturated to the
most negative value. For X and Y axis, the data register is set to the value -4096. For the Z axis,
the data register is set to the value -16384.
The “Overflow” flag (register 0x4A bit6) indicates that the measured magnetic field raw data of
one or more axes exceeded maximum range of the device. The overflow condition can be flagged
on the INT pin by setting the bit “overflow int enable” (register 0x4D bit6, active high, default value
“0”). The channel on which overflow occurred can by determined by assessing the DATAX/Y/Z
registers.
High threshold
measurements
INT pin (non-latched)
INT pin (latched)
Read interrupt status
register (0x4A)
a
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com