Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 40Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 41Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 42Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 43Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 44Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 44
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
7.4 Connection diagram I2C
Figure 19: I²C connection diagram
Note:
The recommended value for C1, C2 is 100 nF.
TOP VIEW
(balls not visible)
D2
INT
D4
DRDY
B2
VDDIO
B4
SDI
E3
GND
E1
GND
E5
VDD
A3
SCK
A1
PS
A5
CSB
C1
SDO
C5
GND
DRDY
SDA
C1
SCL
INT1
VDDIO
VDD
C2
I²C address bit 0
GND: '0'; VDDIO: '1'
I²C address bit 1
GND: '0'; VDDIO: '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com