Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 15Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 16Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 17Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 18Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 19Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 20Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 21Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 22Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 19
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.6.3 Data ready / DRDY interrupt
This interrupt serves for synchronous reading of magnetometer data. It is generated after storing
a new set of values (DATAX, DATAY, DATAZ, RHALL) in the data registers:
Figure 5: Data acquisition and DRDY operation (DRDY in “high active” polarity)
The interrupt mode of the Data Ready (DRDY) interrupt is fixed to non-latched.
It is enabled (disabled) by writing “1” (“0”) to “Data Ready pin En” in register 0x4E bit7.
DRDY pin polarity can be changed by the “DR polarity” bit (register 0x4E bit2), from the default
high active (“1”) to low active (“0”).
4.6.4 Low-threshold interrupt
When the data registers’ (DATAX, DATAY and DATAZ) values drop below the threshold level
defined by the “Low Threshold register (0x4F), the corresponding interrupt status bits for those
axes are set (“Low Int X”, “Low Int Y” and “Low Int Z” in register 0x4A). This is done for each axis
independently. Please note that the X and Y axis value for overflow is -4096. However, no
interrupt is generated on these values. See chapter 4.6.6 for more information on overflow.
Hereby, one bit in “Low Threshold” corresponds to roughly 6µT (not exactly, as the raw magnetic
field values DATAX, DATAY and DATAZ are not temperature compensated).
The Low-threshold interrupt is issued on INT pin when one or more values of the data registers
DATAX, DATAY and DATAZ drop below the threshold level defined by the “Low Threshold”
register (0x4F), and when the axis where the threshold was exceeded is enabled for interrupt
generation:
Result =
(DATAX < “Low Threshold” x 16) AND “Low Int X en” is “0” OR
(DATAY < “Low Threshold” x 16) AND “Low Int Y en” is “0” OR
(DATAZ < “Low Threshold” x 16) AND “Low Int Z en” is “0”
Note: Threshold interrupt enable bits (“Low INT [XYZ] en”) are active low and “1” (disabled) by
default.
Active measurement time
Preset time
Measurement
Data processing
Data write into
output registers
DRDY =’1’
Measurement phase start
Data readout
Measurement
Data processing
Inactive time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com