Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 20Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 21Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 22Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 23Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 24Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 25Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 26Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 27Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 24
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x44) contains the LSB part of y-axis magnetic field data and the self-test result flag
for the y-axis.
Table 8: LSB part of y-axis magnetic field, register (0x44)
(0x44) Bit
Name
Description
Bit 7
DATAY_lsb <4>
Bit 4 of y-axis magnetic field data
Bit 6
DATAY_lsb <3>
Bit 3 of y-axis magnetic field data
Bit 5
DATAY_lsb <2>
Bit 2 of y-axis magnetic field data
Bit 4
DATAY_lsb <1>
Bit 1 of y-axis magnetic field data
Bit 3
DATAY_lsb <0>
Bit 0 of y-axis magnetic field data = y LSB
Bit 2
-
(fixed to 0)
Bit 1
-
(fixed to 0)
Bit 0
SelfTestY
Self-test result flag for y-axis, default is “1”
Register (0x45) contains the MSB part of y-axis magnetic field data.
Table 9: MSB part of y-axis magnetic field, register (0x45)
(0x45) Bit
Name
Description
Bit 7
DATAY_msb <12>
Bit 12 of y-axis magnetic field data = y MSB
Bit 6
DATAY_msb <11>
Bit 11 of y-axis magnetic field data
Bit 5
DATAY_msb <10>
Bit 10 of y-axis magnetic field data
Bit 4
DATAY_msb <9>
Bit 9 of y-axis magnetic field data
Bit 3
DATAY_msb <8>
Bit 8 of y-axis magnetic field data
Bit 2
DATAY_msb <7>
Bit 7 of y-axis magnetic field data
Bit 1
DATAY_msb <6>
Bit 6 of y-axis magnetic field data
Bit 0
DATAY_msb <5>
Bit 5 of y-axis magnetic field data
Register (0x46) contains the LSB part of z-axis magnetic field data and the self-test result flag
for the z-axis.
Table 10: LSB part of z-axis magnetic field, register (0x46)
(0x46) Bit
Name
Description
Bit 7
DATAZ_lsb <6>
Bit 6 of z-axis magnetic field data
Bit 6
DATAZ_lsb <5>
Bit 5 of z-axis magnetic field data
Bit 5
DATAZ_lsb <4>
Bit 4 of z-axis magnetic field data
Bit 4
DATAZ_lsb <3>
Bit 3 of z-axis magnetic field data
Bit 3
DATAZ_lsb <2>
Bit 2 of z-axis magnetic field data
Bit 2
DATAZ_lsb <1>
Bit 1 of z-axis magnetic field data
Bit 1
DATAZ_lsb <0>
Bit 0 of z-axis magnetic field data = z LSB
Bit 0
SelfTestZ
Self-test result flag for z-axis, default is “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com