Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772ALF Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88772ALF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772ALF Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88772ALF Datasheet HTML 10Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 11Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ASIX ELECTRONICS CORPORATION
14
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
2.0 Signal Description
The following abbreviations apply to the following pin description table.
I18
Input, 1.8V
AO
Analog Output
I3
Input, 3.3V
AB
Analog Bi-directional I/O
I5
Input, 3.3V with 5V tolerant
PU
Internal Pull Up (75K)
O3
Output, 3.3V
PD
Internal Pull Down (75K)
O5
Output, 3.3V with 5V tolerant
P
Power Pin
B5
Bi-directional I/O, 3.3V with 5V
tolerant
S
T
Schmitt Trigger
Tri-stateable
AI
Analog Input
Note: Every output or bi-directional I/O pin is 8mA driving strength.
2.1 AX88772A 64-pin Pinout Description
Table 1
: AX88772A 64-pin Pinout Description
Pin Name
Type
Pin No
Pin Description
USB Interface
DP
AB
57
USB 2.0 data positive pin.
DM
AB
56
USB 2.0 data negative pin.
VBUS
I5/PD/S
48
VBUS pin input. Please connect to USB bus power.
XTL12P
I3
51
12Mhz ±0.003%crystal or oscillator clock input. This clock is needed for
USB PHY transceiver to operate.
XTL12N
O3
52
12Mhz crystal or oscillator clock output.
RREF
AI
55
For USB PHY’s internal biasing. Please connect to analog GND through a
resistor (12.1Kohm ±1%).
Serial EEPROM Interface
EECK
B5/PD/
T
35
EEPROM Clock. EECK is an output clock to EEPROM to provide timing
reference for the transfer of EECS, and EEDIO signals. EECK only drive
high / low when access EEPROM otherwise keep at tri-state and internal
pull-down.
EECS
B5/PD/
T
36
EEPROM Chip Select. EECS is asserted high synchronously with respect to
rising edge of EECK as chip select signal. EECS only drive high / low when
access EEPROM otherwise keep at tri-state and internal pull-down.
EEDIO
B5/PU/
T
37
EEPROM Data In. EEDIO is the serial output data to EEPROM’s data input
pin and is synchronous with respect to the rising edge of EECK. EEDIO
only drive high / low when access EEPROM otherwise keep at tri-state and
internal pull-up.
Ethernet PHY Interface
XTL25P
I18
62
25Mhz ± 0.005% crystal or oscillator clock input. This clock is needed for
the embedded 10/100M Ethernet PHY to operate.
XTL25N
O18
63
25Mhz crystal or oscillator clock output.
RXIP
AB
4
Receive data input positive pin for both 10BASE-T and 100BASE-TX.
RXIN
AB
5
Receive data input negative pin for both 10BASE-T and 100BASE-TX.
TXOP
AB
7
Transmit data output positive pin for both 10BASE-T and 100 BASE-TX
TXON
AB
8
Transmit data output negative pin for both 10BASE-T and 100 BASE-TX
RSET_BG
AO
1
For Ethernet PHY’s internal biasing. Please connect to GND through a
12.1Kohm ±1% resistor.
LINK_LED
O5
20
Link status LED indicator. This pin drives low continuously when the
Ethernet link is up and drives low and high in turn (blinking) when Ethernet
PHY is in receiving or transmitting state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com