Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772ALF Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88772ALF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772ALF Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88772ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 30Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
ASIX ELECTRONICS CORPORATION
27
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.3 Power-up Sequence
At power-up, the AX88772A/AX88172A requires the VCC3R3/VCC3IO/VCC3A3/VCC33A_H/ VCC33A_PLL power
supply to rise to nominal operating voltage within Trise3 and the V18F/VCCK/VCC18A power supply to rise to nominal
operating voltage within Trise2.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Trise3
3.3V power supply rise time
From 0V to 3.3V
0.5
-
10
ms
Trise2
1.8V power supply rise time
From 0V to 1.8V
-
-
10
ms
Tdelay32
3.3V rise to 1.8V rise time delay
-5
-
5
ms
0V
3.3V
Trise3
0V
1.8V
Trise2
Tdelay32
V18F/VCCK/VCC18A
VCC3R3/VCC3IO/VCC3A3
/VCC33A_H/ VCC33A_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com