Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772ALF Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88772ALF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772ALF Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88772ALF Datasheet HTML 22Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
ASIX ELECTRONICS CORPORATION
26
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.2 Power Consumption
Symbol
Description
Conditions
Min
Typ
Max
Unit
IVCCK
Current Consumption of VCCK
47.5
mA
IVCC18A
Current Consumption of VCC18A
39.3
mA
IVCC3IO
Current Consumption of VCC3IO
16.6
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
Operating at Ethernet
100Mbps full duplex
mode and USB High
speed mode
35.4
mA
IVCCK
Current Consumption of VCCK
44.3
mA
IVCC18A
Current Consumption of VCC18A
39.3
mA
IVCC3IO
Current Consumption of VCC3IO
12.9
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
Operating at Ethernet
100Mbps full duplex
mode and USB Full
speed mode
28.7
mA
IVCCK
Current Consumption of VCCK
19.3
mA
IVCC18A
Current Consumption of VCC18A
6.3
mA
IVCC3IO
Current Consumption of VCC3IO
8.3
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
Operating at Ethernet
10Mbps full duplex
mode and USB High
speed mode
38.8
mA
IVCCK
Current Consumption of VCCK
14.9
mA
VCC18A
Current Consumption of VCC18A
6.2
mA
IVCC3IO
Current Consumption of VCC3IO
4.9
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
Operating at Ethernet
10Mbps full duplex
mode and USB Full
speed mode
32.3
mA
IVCCK
Current Consumption of VCCK
2.0
μA
IVCC18A
Current Consumption of VCC18A
49.3
μA
IVCC3IO
Current Consumption of VCC3IO
0.7
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
Suspend
(the embedded Ethernet
PHY is powered down)
0.2
mA
IVCCK
Current Consumption of VCCK
19
mA
IVCC18A
Current Consumption of VCC18A
3.4
mA
IVCC3IO
Current Consumption of VCC3IO
8.5
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
AX88172A in USB
Full speed, Rev-MII
operation and internal
PHY power save
(BMCR[11] bit = 1)
30.9
mA
IVCCK
Current Consumption of VCCK
22
mA
IVCC18A
Current Consumption of VCC18A
3.4
mA
IVCC3IO
Current Consumption of VCC3IO
11.5
mA
IVCC33A
Current Consumption of VCC33A_H +
VCC33A_PLL + VCC33A_PLL
AX88172A in USB
High speed, Rev-MII
operation and internal
PHY power save
(BMCR[11] bit = 1)
36.9
mA
1.8V
100
mA
IDEVICE
Power consumption of
AX88772A/AX88172A chip only
3.3V
(Excluding VCC3R3)
70
mA
ISYSTEM
Power consumption of AX88x72A demo
board
Total of 3.3V
(Including VCC3R3
regulator supplies 1.8V to
VCCK and VCC18A)
220
mA
Table 3
: Power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com