Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772ALF Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX88772ALF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772ALF Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88772ALF Datasheet HTML 33Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 34Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 35Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 36Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 38Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 39Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
ASIX ELECTRONICS CORPORATION
37
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.10 10/100M Ethernet PHY Interface Timing
10/100M Ethernet PHY Transmitter Waveform and Spec:
Symbol
Description
Condition
Min
Typ
Max Units
Peak-to-peak differential output voltage 10BASE-T mode
4.4
5
5.6
V
Vtxa *2 Peak-to-peak differential output voltage 100BASE-TX mode
1.9
2
2.1
V
Tr / Tf Signal rise / fall time
100BASE-TX mode
3
4
5
ns
Output jitter
100BASE-TX mode, scrambled idle
signal
-
-
1.4
ns
Vtxov Overshoot
100BASE-TX mode
-
-
5
%
10/100M Ethernet PHY Receiver Spec:
Symbol
Description
Condition
Min
Typ
Max
Units
Receiver input impedance
10
-
-
KΩ
Differential squelch voltage
10BASE-T mode
300
400
500
mV
Common mode input voltage
2.97
3.3
3.63
V
Maximum error-free cable length
100
-
-
meter
Tr: from 10% to 90%
+Vtxov
0V
+Vtxa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com