Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772ALF Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88772ALF
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772ALF Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88772ALF Datasheet HTML 11Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 18Page - ASIX Electronics Corporation AX88772ALF Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
ASIX ELECTRONICS CORPORATION
15
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
FDX_LED
O5
18
Full Duplex and collision detected LED indicator. This pin drives low when
the Ethernet PHY is in full-duplex mode and drives high when in half
duplex mode. When in half duplex mode and the Ethernet PHY detects
collision, it will be driven low (or blinking).
SPEED_LED
O5
19
Ethernet speed LED indicator. This pin drives low when the Ethernet PHY
is in 100BASE-TX mode and drives high when in 10BASE-T mode.
Misc. Pins
RESET_N
I5/PU/S
42
Chip reset input. Active low. This is the external reset source used to reset
this chip. This input feeds to the internal power-on reset circuitry, which
provides the main reset source of this chip. After completing reset,
EEPROM data will be loaded automatically.
EXTWAKEUP_N I5/PU/S
24
Remote-wakeup trigger from external pin. EXTWAKEUP_N should be
asserted low for more than 2 cycles of 12MHz clock to be effective.
GPIO_2
B5/PD
26
General Purpose Input/ Output Pin 2.
GPIO_1
B5/PD
27
General Purpose Input/ Output Pin 1. This pin is default as input pin after
power-on reset. This pin is also for Default WOL Ready Mode setting;
please refer to section 2.3 Settings.
GPIO_0/PME
B5/PD
28
General Purpose Input/ Output Pin 0 or PME (Power Management Event).
This pin is default as input pin after power-on reset. GPIO_0 also can be
defined as PME output to indicate wake up event detected. Please refer to
section 2.3 Settings.
SI_3
B5/PU
29
UART_RX or SPI_MISO. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
SI_2
B5/PU
30
UART_TX or SPI_MOSI. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
SI_1
B5/PU
31
I2C_SDA or SPI_SS. This is a multi-function pin determined by EEPROM
Flag [1] setting. Please refer to section 2.3 Settings.
SI_0
B5/PU
32
I2C_SCLK or SPI_SCLK. This is a multi-function pin determined by
EEPROM Flag [1] setting. Please refer to section 2.3 Settings.
USB_LED
O5
22
USB Speed indicator: When USB bus is in Full speed, this pin drives high
continuously. When USB bus is in High speed, this pin drives low
continuously. This pin drives high and low in turn (blinking) to indicate TX
data transfer going on whenever the host controller sends bulk out data
transfer.
TEST0
I5/S
44
Test pin. For normal operation, user should connect to ground.
TEST1
I5/S
43
Test pin. For normal operation, user should connect to ground.
TCLK_EN
I5/PD/S
40
Test pin. For normal operation, user should keep this pin NC.
TCLK_0
I5/PD
39
Test pin. For normal operation, user should keep this pin NC.
TCLK_1
I5/PD
38
Test pin. For normal operation, user should keep this pin NC.
On-chip Regulator Pins
VCC3R3
P
11
3.3V Power supply to on-chip 3.3V to 1.8V voltage regulator.
GND3R3
P
12
Ground pin of on-chip 3.3V to 1.8V voltage regulator.
V18F
P
10
1.8V voltage output of on-chip 3.3V to 1.8V voltage regulator.
Power and Ground Pins
VCCK
P
13, 14, 21, 25,
33, 47, 50
Digital Core Power. 1.8V.
VCC3IO
P
17, 41, 49
Digital I/O Power. 3.3V.
GND
P
15, 16, 23, 34,
45, 46, 60
Digital Ground.
VCC33A_H
P
53
Analog Power for USB transceiver. 3.3V.
GND33A_H
P
54
Analog Ground for USB transceiver.
VCC33A_PLL
P
58
Analog Power for USB PLL. 3.3V.
GND33A_PLL
P
59
Analog Ground for USB PLL.
VCC3A3
P
2
Analog Power for Ethernet PHY bandgap. 3.3V.
GND3A3
P
3
Analog Ground for Ethernet PHY.
VCC18A
P
6, 61
Analog Power for Ethernet PHY and 25Mhz crystal oscillator.
1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com