Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 57 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 53Page - Analog Devices ADE9178GTL+T Datasheet HTML 54Page - Analog Devices ADE9178GTL+T Datasheet HTML 55Page - Analog Devices ADE9178GTL+T Datasheet HTML 56Page - Analog Devices ADE9178GTL+T Datasheet HTML 57Page - Analog Devices ADE9178GTL+T Datasheet HTML 58Page - Analog Devices ADE9178GTL+T Datasheet HTML 59Page - Analog Devices ADE9178GTL+T Datasheet HTML 60Page - Analog Devices ADE9178GTL+T Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
Data Sheet
ADE9178
APPLICATIONS INFORMATION
analog.com
Rev. A | 57 of 122
Example
If APFMEASURED = 67144872 decimal, then:
ϕ= π3−cos−1 67144872227 ×−1=−0
.00031
(60)
For 50 Hz signal:
ω=2π×50× 14000=0.07854
(61)
AIPHCAL=sin−0.00031−0.07854+sin0.07854
sin2×0.07854−−0.00031
×227=
−264472 decimal=0×FFFBF6E8 (62)
QUICK START
This section describes how to setup the ADE9178 and ADE91xx
chipset for a 3-phase and 4-wire measurement. To setup, do the
following steps:
1. Configure the Host MCU to monitor to IRQ0, IRQ1,
HOST_RDY, and HOST_ERR pins of the ADE9178.
2. Issue a hardware reset to ADE9178 and ADCs by toggling
corresponding reset pins. For more details, see the Hardware
Reset section.
3. The ADE9178 checks the integrity during boot time and both
HOST_RDY and HOST_ERR pins go low if the integrity error is
detected. If this happens, then toggle the hardware reset pin of
the ADE9178. If the error persists, contact support team.
4. Wait for IRQ0 interrupt from the ADE9178 and:
a. Read the STATUS0 register and check that the RSTDONE
bit is set. Note that once the hardware reset is initiated, it
takes 16 ms before IRQ0 is asserted. Otherwise, there is an
internal error and it is recommended to reset the ADE9178.
b. Clear RSTDONE interrupt by writing 1 to the RSTDONE bit
in the STATUS0 register.
5. By default all error interrupts in the ERROR_STATUS register
are enabled and IRQ1 is triggered if there is an error. The de-
tails of the error can be obtained by reading ERROR_STATUS
register. For more details, see the Interrupts and Status Outputs
section.
6. If energy is monitored using the CF outputs, configure the
following registers (skip this step if the CF outputs are not
used):
a. Configure the PWRSEL bits in the CFx_CONFIG register to
select the energy type to monitor.
b. Configure the PHASESEL bits in the CFx_CONFIG register
to select the phases to include in the CF calculation.
c. Configure the ACCMODE bits in the CFx_CONFIG register
to select the accumulation mode.
d. Set the CFx_THR register based on the required impulses
per kilowatt-hour. For CFx_THR formula, see the CF Pulse
Generation section.
e. Configure the WIDTHSEL bit in the CFx_CONFIG register
to set the low-pulse width. For more details, see Table 20.
f. Enable the CF by clearing the CFDIS bit in the CFx_CON-
FIG register to 0.
7. If energy is monitored using energy registers, configure the
following registers:
a. Configure the EGY_TMR_MODE bit in the EP_CFG
register to select time-based accumulation mode
(EGY_TMR_MODE = 0). Set the required samples in the
EGY_TIME register (N − 1 ms).
1. It is recommended to use time-based accumulation
mode (for more details, see Table 30).
b. Configure the EGY_LD_ACCUM bit in the EP_CFG register
to add the internal energy register to user energy register
on EGYRDY (EGY_LD_ACCUM = 0), or to overwrite the
user energy register with the internal energy register value
(EGY_LD_ACCUM = 1).
c. Configure the RD_RST_EN bit in the EP_CFG register to
enable reset of user energy registers on read (RD_RST_EN
= 1), or to disable reset of user energy registers on read
(RD_RST_EN = 0).
d. Configure the NOLOAD_TMR bits in the EP_CFG register
and set the ACT_NL_LVL and APP_NL_LVL level registers
to detect no load and prevent energy accumulation of noise.
For more details, see the No Load Detection section.
8. The ADE9178 can provide interrupts for a variety of events on
the IRQ0, IRQ1, IRQ2, and IRQ3 pins. The MASK0, MASK1,
MASK2, MASK3, or ERROR_MASK and STATUS0, STATUS1,
STATUS2, STATUS3, or ERROR_STATUS registers manage
the respective interrupt pins. For more details, see the Inter-
rupts and Status Outputs section.
9. Write calibration coefficient registers to the ADE9178. For more
details, see the Calibration Method section.
10. Configure ADC related parameters and start the data process-
ing as follows:
a. Configure number of ADCs connected by writing to the
NUM_ADC bits in the ADC_CONFIG register.
b. Review ADC_REDIRECT1 and ADC_REDIRECT2 default
values and update if the channel mapping required is
different to default. Note that the ADC_REDIRECT1 and
ADC_REDIRECT2 must be updated if the number of ADCs
present is different than the default 4. For more details, see
Table 8.
c. Initialize the ADCs by setting ADC_INIT bit in the
ADC_CONTROL register to 1 (Auto Clears).
d. Separately, enable data capture and processing by setting
the ADC_RUN bit in the ADC_CONTROL register to 1
(Auto Clears is setting ADC_RUN = 1 fails).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com