Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 83 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 79Page - Analog Devices ADE9178GTL+T Datasheet HTML 80Page - Analog Devices ADE9178GTL+T Datasheet HTML 81Page - Analog Devices ADE9178GTL+T Datasheet HTML 82Page - Analog Devices ADE9178GTL+T Datasheet HTML 83Page - Analog Devices ADE9178GTL+T Datasheet HTML 84Page - Analog Devices ADE9178GTL+T Datasheet HTML 85Page - Analog Devices ADE9178GTL+T Datasheet HTML 86Page - Analog Devices ADE9178GTL+T Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 83 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
Synchronized with Zero
Crossing. Synchronize
RMSHALF calculation with
zero crossings of the channel.
1
Synchronized with User-
Defined Half Period Value.
Synchronize RMSHALF
calculation with user-defined
half period value.
0x0BD
ZX_LP_SEL
[31:4]
RESERVED
Reserved.
0x0
R
[3:2]
LP_SEL
Line Period Measurement
Selection. Selects line period
measurement used for
xRMSONE measurement.
0x3
R/W
00
Phase A Voltage Channel
Period. APERIOD, line period
measurement from phase A
voltage.
01
Phase B Voltage Channel
Period. BPERIOD, line period
measurement from phase B
voltage.
10
Phase C Voltage Channel
Period. CPERIOD, line period
measurement from phase C
voltage.
11
Combined Voltage Channel
Period. COMB_PERIOD, line
period measurement on
combined voltage signal: (AV +
BV − CV)/2.
[1:0]
ZX_SEL
Zero-Crossing Signal
Selection. Selects channel zero
crossings used in line cycle
energy accumulation mode.
0x3
R/W
00
Phase A Voltage Channel Zero
Crossings. ZXAV, phase A
voltage zero-crossing signal.
01
Phase B Voltage Channel Zero
Crossings. ZXBV, phase B
voltage zero-crossing signal.
10
Phase C Voltage Channel Zero
Crossings. ZXAC, phase C
voltage zero-crossing signal.
11
Combined Voltage Channel
Zero Crossings. ZXCOMB,
zero crossing on combined
voltage signal: (AV + BV −
CV)/2.
0x0C1
EP_CFG
[31:7]
RESERVED
Reserved.
0x0
R
[6:4]
NOLOAD_TMR
No Load Condition Evaluation
Window. This register
configures how many 4 ksps
samples are used to evaluate
the no load condition.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com