Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 63 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 59Page - Analog Devices ADE9178GTL+T Datasheet HTML 60Page - Analog Devices ADE9178GTL+T Datasheet HTML 61Page - Analog Devices ADE9178GTL+T Datasheet HTML 62Page - Analog Devices ADE9178GTL+T Datasheet HTML 63Page - Analog Devices ADE9178GTL+T Datasheet HTML 64Page - Analog Devices ADE9178GTL+T Datasheet HTML 65Page - Analog Devices ADE9178GTL+T Datasheet HTML 66Page - Analog Devices ADE9178GTL+T Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 63 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x029
BVSWELLONE_CYC
Phase B Voltage RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x02A
BIGAIN
Phase B Current Gain Adjust.
0x00000000
R/W
0x02B
BIOS
Phase B Current Channel Offset.
0x00000000
R/W
0x02C
BIPHCAL
Phase B Current-Phase Correction Factor.
0x00000000
R/W
0x02D
BIRMSOS
Phase B Current RMS Offset.
0x00000000
R/W
0x02E
BIRMSHALFOS
Phase B Current Half-Cycle RMS Offset.
0x00000000
R/W
0x02F
BIRMSONEOS
Phase B Current One-Cycle RMS Offset.
0x00000000
R/W
0x030
BIDIPHALF_LVL
Phase B Current RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x031
BIDIPONE_LVL
Phase B Current RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x032
BISWELLHALF_LVL
Phase B Current RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x033
BISWELLONE_LVL
Phase B Current RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x034
BIDIPHALF_CYC
Phase B Current RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x035
BIDIPONE_CYC
Phase B Current RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x036
BISWELLHALF_CYC
Phase B Current RMSHALF Swell Half-Line Cycle Configuration.
0xFFFFFFFF
R/W
0x037
BISWELLONE_CYC
Phase B Current RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x038
CVGAIN
Phase C Voltage Gain Adjust.
0x00000000
R/W
0x039
CVOS
Phase C Voltage Channel Offset.
0x00000000
R/W
0x03A
CVPHCAL
Phase C Voltage-Phase Correction Factor.
0x00000000
R/W
0x03B
CVRMSOS
Phase C Voltage RMS Offset.
0x00000000
R/W
0x03C
CVRMSHALFOS
Phase C Voltage Half-Cycle RMS Offset.
0x00000000
R/W
0x03D
CVRMSONEOS
Phase C Voltage One-Cycle RMS Offset.
0x00000000
R/W
0x03E
CVDIPHALF_LVL
Phase C Voltage RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x03F
CVDIPONE_LVL
Phase C Voltage RMSONE Dip-Cycle Given in Line Cycles.
0x00000000
R/W
0x040
CVSWELLHALF_LVL
Phase C Voltage RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x041
CVSWELLONE_LVL
Phase C Voltage RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x042
CVDIPHALF_CYC
Phase C Voltage RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x043
CVDIPONE_CYC
Phase C Voltage RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x044
CVSWELLHALF_CYC
Phase C Voltage RMSHALF Swell Half-Line Cycle Configuration.
0xFFFFFFFF
R/W
0x045
CVSWELLONE_CYC
Phase C Voltage RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x046
CIGAIN
Phase C Current Gain Adjust.
0x00000000
R/W
0x047
CIOS
Phase C Current Channel Offset.
0x00000000
R/W
0x048
CIPHCAL
Phase C Current-Phase Correction Factor.
0x00000000
R/W
0x049
CIRMSOS
Phase C Current RMS Offset.
0x00000000
R/W
0x04A
CIRMSHALFOS
Phase C Current Half-Cycle RMS Offset.
0x00000000
R/W
0x04B
CIRMSONEOS
Phase C Current One-Cycle RMS Offset.
0x00000000
R/W
0x04C
CIDIPHALF_LVL
Phase C Current RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x04D
CIDIPONE_LVL
Phase C Current RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x04E
CISWELLHALF_LVL
Phase C Current RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x04F
CISWELLONE_LVL
Phase C Current RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x050
CIDIPHALF_CYC
Phase C Current RMSHALF Dip Specified in Half-Line Cycles.
0xFFFFFFFF
R/W
0x051
CIDIPONE_CYC
Phase C Current RMSONE Dip Specified in Line Cycles.
0xFFFFFFFF
R/W
0x052
CISWELLHALF_CYC
Phase C Current RMSHALF Swell Specified in Half-Line Cycles.
0xFFFFFFFF
R/W
0x053
CISWELLONE_CYC
Phase C Current RMSONE Swell Specified in Line Cycles.
0xFFFFFFFF
R/W
0x054
AUX0GAIN
Auxiliary 0 Channel Gain Adjust.
0x00000000
R/W
0x055
AUX0OS
Auxiliary 0 Channel Offset.
0x00000000
R/W
0x056
AUX0PHCAL
Auxiliary 0 Channel-Phase Correction Factor.
0x00000000
R/W
0x057
AUX0RMSOS
Auxiliary 0 Channel RMS Offset.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com