Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 86 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 82Page - Analog Devices ADE9178GTL+T Datasheet HTML 83Page - Analog Devices ADE9178GTL+T Datasheet HTML 84Page - Analog Devices ADE9178GTL+T Datasheet HTML 85Page - Analog Devices ADE9178GTL+T Datasheet HTML 86Page - Analog Devices ADE9178GTL+T Datasheet HTML 87Page - Analog Devices ADE9178GTL+T Datasheet HTML 88Page - Analog Devices ADE9178GTL+T Datasheet HTML 89Page - Analog Devices ADE9178GTL+T Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 86 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
[24:20]
CV
ADC CV Channel Data
Multiplexing. Selects slot to
connect CV channel input.
0x4
R/W
[19:15]
BI
ADC BI Channel Data
Multiplexing. Selects slot to
connect BI channel input.
0x6
R/W
[14:10]
BV
ADC BV Channel Data
Multiplexing. Selects slot to
connect BV channel input.
0x7
R/W
[9:5]
AI
ADC AI Channel Data
Multiplexing. Selects slot to
connect AI channel input.
0x9
R/W
[4:0]
AV
ADC AV Channel Data
Multiplexing. Selects slot to
connect AV channel input.
0xA
R/W
0x0DA
ADC_REDIRECT1
[31:30]
RESERVED
Reserved.
0x0
R
[29:25]
AUX5
ADC AUX5 Channel Data
Multiplexing. Selects slot to
connect AUX5 channel input.
0x2
R/W
[24:20]
AUX4
ADC AUX4 Channel Data
Multiplexing. Selects slot to
connect AUX4 channel input.
0x1
R/W
[19:15]
AUX3
ADC AUX3 Channel Data
Multiplexing. Selects slot to
connect AUX3 channel input.
0x0
R/W
[14:10]
AUX2
ADC AUX2 Channel Data
Multiplexing. Selects slot to
connect AUX2 channel input.
0x5
R/W
[9:5]
AUX1
ADC AUX1 Channel Data
Multiplexing. Selects slot to
connect AUX1 channel input.
0x8
R/W
[4:0]
AUX0
ADC AUX0 Channel Data
Multiplexing. Selects slot to
connect AUX0 channel input.
0xB
R/W
0x0DB
CRC_OPTEN
[31:16]
RESERVED
Reserved.
0x0
R
15
CRC_ZXLPSEL_EN
CRC ZXLPSEL Enable. Set
this bit to include the
ZX_LP_SEL register in the
configuration register CRC
calculation.
0x0
R/W
14
CRC_ZXTOUT_EN
CRC ZXTOUT_EN Enable. Set
this bit to include the ZXTOUT
register in the configuration
register CRC calculation.
0x0
R/W
13
CRC_APP_NL_LVL_EN
CRC APP_NL_LVL Enable.
Set this bit to include the
APP_NL_LVL register in the
configuration register CRC
calculation.
0x0
R/W
12
CRC_ACT_NL_LVL_EN
CRC ACT_NL_LVL Enable.
Set this bit to include the
ACT_NL_LVL register in the
configuration register CRC
calculation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com