Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 76 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 76 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 72Page - Analog Devices ADE9178GTL+T Datasheet HTML 73Page - Analog Devices ADE9178GTL+T Datasheet HTML 74Page - Analog Devices ADE9178GTL+T Datasheet HTML 75Page - Analog Devices ADE9178GTL+T Datasheet HTML 76Page - Analog Devices ADE9178GTL+T Datasheet HTML 77Page - Analog Devices ADE9178GTL+T Datasheet HTML 78Page - Analog Devices ADE9178GTL+T Datasheet HTML 79Page - Analog Devices ADE9178GTL+T Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 76 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
SELFREQ
Line-Cycle Frequency
Selection. Use this bit to
configure the IC for a 50 Hz
or 60 Hz system. This setting
is used to define the coerced
value in period registers
(APERIOD, BPERIOD,
CPERIOD, COM_PERIOD)
when input is outside the 40
Hz to 70 Hz range. It affects
line period and one-cycle RMS
measurements.
0x0
R/W
0
50 Hz.
1
60 Hz.
0
SWRST
Reserved.
0x0
R/W
0x0AF
PEAK_CONFIG
[31:12]
RESERVED
Reserved.
0x0
R
[11:6]
AUXPEAKSEL
Peak Detection Phase
Selection for Auxiliary
Channels. Set bits to select
which auxiliary phase(s) are
monitored for peak detection.
Set PEAKSEL[0] to enable
AUX0, PEAKSEL[1] to enable
AUX1, PEAKSEL[2] to enable
AUX2, and so on.
0x0
R/W
[5:3]
IPEAKSEL
Peak Detection Phase
Selection for Current Channels.
Set bits to select which
current phase(s) are monitored
for peak detection. Set
PEAKSEL[0] to enable phase
A , PEAKSEL[1] to enable
phase B, and PEAKSEL[2]
to enable phase C for peak
detection.
0x0
R/W
[2:0]
VPEAKSEL
Peak Detection Phase
Selection for Voltage Channels.
Set bits to select which
voltages phase(s) are
monitored for peak detection.
Set PEAKSEL[0] to enable
phase A , PEAKSEL[1] to
enable phase B, and
PEAKSEL[2] to enable phase
C for peak detection.
0x0
R/W
0x0B0
PEN_CONFIG
[31:14]
RESERVED
Reserved.
0x0
R
[13:12]
PEN_LP_SEL
Line Period Measurement
Selection for PEN
Channels. Affects RMSONE
measurement for PEN
channels.
0x3
R/W
00
Line Period Measurement from
PEN Channel A. Line period
measurement from PEN_A
voltage channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com