Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 16Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
______________________________________________________________________________________
13
50%
tOPEN
tR < 20ns
tF < 20ns
+5V
+3V
0V
LOGIC
INPUT
VA
SWITCH
OUTPUT
VOUT
+15V
VOUT
-15V
GND
V+
A0
V-
A1
A2
EN
NO1–NO8
COM
+10V
50
Ω
MAX4508
1k
35pF
80%
+2.4V
0V
VA
VEN
ΔVOUT
+3V
0V
LOGIC
INPUT
VEN
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
COM
MAX4508
CL
1000nF
VOUT
NO
CHANNEL
SELECT
RS
VS
ON
OFF
OFF
ΔVOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR VCTE WHEN THE CHANNEL TURNS OFF.
VCTE =
ΔVOUT CL
VEN
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX4508
NO1
RS = 50
Ω
VIN
EN
10nF
RL
75
Ω
OFF-ISOLATION = 20log
VOUT
VIN
10nF
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX4508
NO2
RG = 50
Ω
VIN
EN
10nF
RL
75
Ω
10nF
NO1
R
1k
Ω
CROSSTALK = 20log
VOUT
VIN
Figure 4. MAX4508 Break-Before-Make Interval
Figure 5. Charge Injection
Figure 6. Off-Isolation
Figure 7. Crosstalk
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com