Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4508C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
µA
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
_______________________________________________________________________________________
5
MAX4508
MAX4508
VNO_ = 25V, V+ = 12V
MAX4509
RCOM_
MAX4509
-150
+150
-15
+75
-1
+1
COM_ On-Leakage Current
(Note 6)
-300
+300
-100
+75
nA
-2
+2
ICOM_(ON)
-100
+100
COM_ Off-Leakage Current
(Note 6)
-10
+75
-1
+1
-200
+200
-20
+75
nA
-2
+2
ICOM_(OFF)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCOM_ = 10V, 1V;
VNO_ = 10V, 1V, or
floating
VCOM_ = 10V, 1V;
VNO_ = 1V, 10V
CONDITIONS
M
C, E
+25°C
M
C, E
+25°C
M
C, E
+25°C
M
C, E
+25°C
TA
µA
-1
0.03
+1
IINH_,
IINL_
A_ Input Current Logic
High or Low
V
0.8
1.8
VIN_L
A_ Input Logic Threshold Low
V
1.8
2.4
VIN_H
A_ Input Logic Threshold High
COM_ ON Output Resistance,
Supply On
k
Ω
2.4
6
COM_ ON Output Current,
Supply On
mA
23
5
ICOM_
-20
+20
V
-25
+25
VNO_
Fault-Protected Analog Signal
Range (Notes 3, 10)
-100
+100
nA
-5
+5
-20
0.1
+20
INO_
NO_ Input Leakage Current,
Supply Off (Notes 3, 10)
µA
-100
+100
INO_
NO_ Input Leakage Current,
Supply On (Notes 3, 10)
-1
+1
µA
-100
+100
ICOM_
COM_ Output Leakage Current,
Supply On (Notes 3, 10)
-20
+20
-5
+5
VIN_= 0.8V or 2.4V
Applies with all power on
VNO_= ±40V, V+ = 0, V- = 0
VNO_ = ±25V, VCOM_ = 0,
V+ = 12V
VNO_ = ±25V, V+ = 12V
VNO_ = 25V, V+ = 12V
+25°C
C, E, M
C, E, M
C, E, M
+25°C
M
C, E
+25°C
+25°C
M
C, E
M
+25°C
C, E
+25°C
nA
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
FAULT PROTECTION
LOGIC INPUT
Applies with all power off
-40
+40
nA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com