Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4508C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VA_H =+2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ........................................................................-0.3V to +44.0V
V- .........................................................................-44.0V to +0.3V
V+ to V-................................................................-0.3V to +44.0V
COM_, A_ (Note 1) .............................. (V+ + 0.3V) to (V- - 0.3V)
NO_.........................................................(V+ - 40V) to (V- + 40V)
NO_ to COM_ ..........................................................-36V to +36V
NO_ Overvoltage with Switch Power On. ................-30V to +30V
NO_ Overvoltage with Switch Power Off. ................-40V to +40V
Continuous Current into Any Terminal..............................±30mA
Peak Current, into Any Terminal
(pulsed at 1ms, 10% duty cycle).................................±100mA
Continuous Power Dissipation (TA = +70°C)
16 Narrow SO (derate 8.70mW/°C above +70°C) ........696mW
16-Pin PDIP (derate 10.53mW/°C above +70°C)..........842mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C).....800mW
Operating Temperature Ranges
MAX4508C_ E/MAX4509C_E...............................0°C to +70°C
MAX4508E_ E/MAX4509E_E ............................-40°C to +85°C
MAX4508MJE/MAX4509MJE..........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: COM_, EN, and A_ pins are not fault protected. Signals on COM_, EN, or A_ exceeding V+ or V- are clamped by internal
diodes. Limit forward diode current to maximum current rating.
-150
+150
-15
+75
-1
+1
COM_ On-Leakage Current
(Note 6)
-300
+300
-100
+75
nA
-2
+2
ICOM_(ON)
-100
+100
COM_ Off-Leakage Current
(Note 6)
-100
+75
-1
+1
-200
+200
-20
+75
nA
-2
+2
ICOM_(OFF)
300
400
RON
V
V-
V+
VNO_
Fault-Free Analog Signal Range
(Notes 3, 4)
-50
+50
INO_(OFF)
NO_ Off-Leakage Current
(Note 6)
-5
+5
nA
-0.5
+0.5
25
500
Ω
700
On-Resistance
Ω
15
ΔRON
On-Resistance Match Between
Channels (Note 5)
20
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = +15V, V- = -15V,
VNO_= ±15V
VCOM_ = ±10V,
VNO_ = ±10V or
floating
VNO_ = ±10V, VCOM_ = –
+10V
VCOM_ = ±10V, INO_ = 0.2mA
VCOM_ = ±10V, INO_ = 0.2mA
VCOM_ = ±10V,
VNO_ = –
+10V
CONDITIONS
M
C, E
+25°C
+25°C
M
C, E, M
C, E
+25°C
M
C, E
M
C, E
+25°C
M
+25°C
M
C, E
M
+25°C
C, E
C, E
+25°C
TA
MAX4508
MAX4509
MAX4508
MAX4509
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com