Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4508C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
4
_______________________________________________________________________________________
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
500
µA
200
300
IGND
GND Supply Current
µA
370
500
I+
V+ Supply Current
±4.5
±20
pF
10
dB
-62
VCT
Channel-to-Channel Crosstalk
(Note 8)
19
pF
14
CN_(OFF)
NO_ Off-Capacitance
RL = 75
Ω, CL = 15pF,
VNO_ = 1VRMS, f = 1MHz, Figure 7
All VA_ = 0 or 5V, VNO_ = 0,
VEN = 5V
All VA_ = 0 or 5V, VNO_ = 0,
VEN = 5V
f = 1MHz, Figure 8
+25
°C
C, E, M
+25
°C
+25°C
+25°C
+25
°C
CCOM_(OFF)
COM_ Off-Capacitance
f = 1MHz, Figure 8
CCOM_(ON)
COM_ On-Capacitance
28
pF
22
+25
°C
Power-Supply Range
V+, V-
C, E, M
V
750
C, E
850
M
400
C, E
500
M
µA
200
300
I-
V- Supply Current
All VA_ = 0 or 5V, VNO_ = 0,
VEN = 5V
+25°C
V
0V+
VNO_
Fault-Free Analog Signal Range
(Note 3)
-200
+200
INO_(OFF)
NO_ Off-Leakage Current
(Notes 6, 9)
-10
+10
nA
-0.5
0.01
+0.5
75
Ω
10
35
ΔRON
On-Resistance Match Between
Channels (Note 5)
50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = 12V, V- = 0, VNO_ = 12V
VCOM_ = 10V, 1V;
VNO_ = 1V, 10V
VCOM_ = 10V, INO_ = 200µA
CONDITIONS
C, E, M
M
C, E
+25°C
M
+25°C
C, E
TA
650
950
RON
1100
Ω
1300
On-Resistance
VCOM_ = +10V, INO_ = 200µA
+25°C
C, E
M
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ANALOG SWITCH
POWER SUPPLY
f = 1MHz, Figure 8
MAX4508
MAX4509
MAX4508
MAX4509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com