Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4508C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX4508/MAX4509 are 8-to-1 and dual 4-to-1 fault-
protected multiplexers that are pin compatible with the
industry-standard DG508/DG509. The MAX4508/
MAX4509 operate with dual supplies of ±4.5V to ±20V or
a single supply of +9V to +36V. These multiplexers fea-
ture fault-protected inputs, rail-to-rail signal handling
capability, and overvoltage clamping at 150mV beyond
the rails.
Both parts offer ±40V overvoltage protection with sup-
plies off and ±25V protection with supplies on. On-
resistance is 400
Ω max and is matched between
channels to 15
Ω max. All digital inputs have TTL logic
thresholds, ensuring both TTL and CMOS logic com-
patibility when using a single +12V supply or dual ±15V
supplies.
Applications
Data-Acquisition Systems
Industrial and Process Control
Avionics
Signal Routing
Redundant/Backup Systems
Features
♦ ±40V Fault Protection with Power Off
±25V Fault Protection with ±15V Supplies
♦ Rail-to-Rail Signal Handling
♦ No Power-Supply Sequencing Required
♦ All Channels Off with Power Off
♦ Output Clamped to Appropriate Supply Voltage
During Fault Condition
♦ 1kΩ Output Clamp Resistance During
Overvoltage
♦ 400Ω
Ω max On-Resistance
♦ 20ns Fault-Response Time
♦ ±4.5V to ±20V Dual Supplies
+9V to +36V Single Supply
♦ TTL/CMOS-Compatible Logic Inputs
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
NO1
V-
EN
A0
TOP VIEW
MAX4508
NO5
NO6
NO7
NO8
COM
NO4
NO3
NO2
SO/DIP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
NO1A
V-
EN
A0
MAX4509
NO2B
NO3B
NO4B
COMB
COMA
NO4A
NO3A
NO2A
SO/DIP
LOGIC
Pin Configurations/Functional Diagrams
19-1414; Rev 5; 10/07
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability.
+Denotes a lead-free package.
Functional Diagrams/Truth Tables appear at end of
data sheet.
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX4508CSE+
0°C to +70°C
16 Narrow SO
S16-8
MAX4508CPE+
0°C to +70°C
16 Plastic DIP
P16-4
MAX4508C/D
0°C to +70°C
Dice*
—
MAX4508ESE+
-40°C to +85°C 16 Narrow SO
S16-8
MAX4508EPE+
-40°C to +85°C 16 Plastic DIP
P16-4
MAX4508MJE
-40°C to +85°C 16 CERDIP**
J16-3


Similar Part No. - MAX4508C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508C/D MAXIM-MAX4508C/D Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
More results

Similar Description - MAX4508C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
REV. 0
logo
Texas Instruments
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com